Electronic Components Datasheet Search
  English  ▼

X  

PL75MCS-201 Datasheet(PDF) 19 Page - Emerson Network Power

Part # PL75MCS-201
Description  Military, Space and Testing Equipment
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

PL75MCS-201 Datasheet(HTML) 19 Page - Emerson Network Power

Back Button PL75MCS-201 Datasheet HTML 15Page - Emerson Network Power PL75MCS-201 Datasheet HTML 16Page - Emerson Network Power PL75MCS-201 Datasheet HTML 17Page - Emerson Network Power PL75MCS-201 Datasheet HTML 18Page - Emerson Network Power PL75MCS-201 Datasheet HTML 19Page - Emerson Network Power PL75MCS-201 Datasheet HTML 20Page - Emerson Network Power PL75MCS-201 Datasheet HTML 21Page - Emerson Network Power PL75MCS-201 Datasheet HTML 22Page - Emerson Network Power PL75MCS-201 Datasheet HTML 23Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
17
150 Series
Miniature 2, 3, 4-lug, & Push-on (TRS)
3150 Series
Miniature Threaded (TTM)
150/3150 Series are concentric twinax/triax connectors for high
density and weight reduction applications. They are commonly
used in digital data bus, video pair, MIL-STD-1553B (primary/
redundant), baseband circuit and in any application for “noise-free
guarded” circuits. TRS/TTM push-on connectors are designed for
blind mate rack and panel applications. The male plug mates with
any TRS/TTM jack and are ideally suited for test cable applications.
Features
• Same size as TPS/TCM connectors
• Solderable Wrench Crimp versions for cables with up to .215"
outer diameter
• Tool Crimp versions for quick termination of cables with up to
.250" outer diameter
• 3-lug, 4-lug, and threaded versions provide different levels of
mechanical stability and keying
• Does not require mechanical alignment for mating
• Meets MIL-C-49142, 48-hour salt spray requirement
• Special plating available to satisfy MIL-STD-1344 500-hour
salt spray requirement
• Push-on versions for test cable applications
• Fewer pieces to assemble
• Hermetically sealed versions available (see page 16)
Mating Twinax Size 8 Contacts
for Digital Data Bus Multi-pin Connectors
Socket....................................... SPC8S-201
Pin............................................. SPC8P-201
1.530
.631/.627
.288
.284
DIA
.276/.273 DIA
.90
.315/.313 DIA
SPC8S-201
1.173
.305/296
.218
DIA
.315/.313 DIA
.90
SPC8P-201
This pair of scoop-proof concentric contacts fits the Size 8 cavity
of MIL-C-38999 series 1, 3, & 4 and MIL-STD-1760 “External Stores”
type connectors.
Features
• Fits MIL-C-17/176-00002 and other twinax/triax cables
• Heat treated beryllium copper spring members
• Gold plated, Full Crimp contacts
Twinax/Triax Connectors / Hermetically Sealed Connectors
Twinax/Triax Connectors / 150 Series Intro
Size 8 Mating Contacts
SPC8S-201 Shown
SPC8P-201 Shown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com