Electronic Components Datasheet Search
  English  ▼

X  

PVG612S Datasheet(PDF) 2 Page - International Rectifier

Part # PVG612S
Description  Microelectronic Power IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVG612S Datasheet(HTML) 2 Page - International Rectifier

  PVG612S Datasheet HTML 1Page - International Rectifier PVG612S Datasheet HTML 2Page - International Rectifier PVG612S Datasheet HTML 3Page - International Rectifier PVG612S Datasheet HTML 4Page - International Rectifier PVG612S Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series PVG612PbF
www.irf.com
2
INPUT CHARACTERISTICS
Limits
Units
Minimum Control Current (see figure 1)
5.0
mA
Maximum Control Current for Off-State Resistance @ TA = +25°C
0.4
mA
Control Current Range (Caution: current limit input LED, see figure 6)
5.0 to 25
mA
Maximum Reverse Voltage
6.0
V
OUTPUT CHARACTERISTICS
Limits
Units
Operating Voltage Range
0 to ±60
V(DC or AC peak)
Maximum Load Current @ T
A = +40°C, 10mA Control (see figure 1)
A Connection
1.0
A (AC or DC)
B Connection
1.5
A (DC)
C Connection
2.0
A (DC)
Maximum Pulsed Load Current @ T
A =+25°C (100 ms @ 10% Duty Cycle)
A Connection
2.4A
(AC or DC)
Maximum On-State Resistance @TA =+25°C
For 1A pulsed load, 10mA Control (see figure 4)
A Connection
500
mΩ
B Connection
250
mΩ
C Connection
150
mΩ
Minimum Off-State Resistance @TA =+25°C, ±48V (see figure 5)
108
Ω
Maximum Turn-On Time @TA =+25°C (see figure 7)
For 500mA, 50 VDC load, 10mA Control
2.0
ms
Maximum Turn-Off Time @TA =+25°C (see figure 7)
For 500mA, 50 VDC load, 10mA Control
0.5
ms
Maximum Output Capacitance @ 50VDC (see figure 2)
130
pF
Electrical Specifications (-40°C ≤ TA ≤ +85°C unless otherwise specified)
GENERAL CHARACTERISTICS
Limits
Units
Minimum Dielectric Strength, Input-Output
4000
VRMS
Minimum Insulation Resistance, Input-Output, @TA =+25°C, 50%RH, 100VDC
1012
Ω
Maximum Capacitance, Input-Output
1.0
pF
Maximum Pin Soldering Temperature (10 seconds maximum)
+260
Ambient Temperature Range:
Operating
-40 to +85
°C
Storage
-40 to +100
Connection Diagrams
International Rectifier does not recommend the use of this product in aerospace, avionics, military or life support applications.
Users of this International Rectifier product in such applications assume all risks of such use and indemnify International
Rectifier against all damages resulting from such use.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com