Electronic Components Datasheet Search
  English  ▼

X  

MPC940 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC940
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC940 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC940 Datasheet HTML 1Page - Motorola, Inc MPC940 Datasheet HTML 2Page - Motorola, Inc MPC940 Datasheet HTML 3Page - Motorola, Inc MPC940 Datasheet HTML 4Page - Motorola, Inc MPC940 Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0.2
© Motorola, Inc. 1997
6/97
Advance Information
Low Voltage 1:18 Clock
Distribution Chip
The MPC940 is a 1:18 low voltage clock distribution chip. The device
features the capability to select either a differential LVPECL or an LVTTL/
LVCMOS compatible input. The 18 outputs are LVCMOS or LVTTL
compatible and feature the drive strength to drive 50
Ω series or parallel
terminated transmission lines. With output–to–output skews of 150ps, the
MPC940 is ideal as a clock distribution chip for the most demanding of
synchronous systems. For a similar product with a larger number of
outputs, please consult the MPC941 data sheet.
• LVPECL or LVCMOS/LVTTL Clock Input
• 150ps Maximum Targeted Output–to–Output Skew
• Drives Up to 36 Independent Clock Lines
• Maximum Output Frequency of 250MHz
• 32–Lead TQFP Packaging
• 3.3V VCC Supply Voltage
With a low output impedance (
≈20Ω), in both the HIGH and LOW logic
states, the output buffers of the MPC940 are ideal for driving series
terminated transmission lines. More specifically, each of the 18 MPC940
outputs can drive two series terminated 50
Ω transmission lines. With this
capability, the MPC940 has an effective fanout of 1:36 in applications
where each line drives a single load. With this level of fanout, the
MPC940 provides enough copies of low skew clocks for most high
performance synchronous systems.
The differential LVPECL inputs of the MPC940 allow the device to interface directly with a LVPECL fanout buffer like the
MC100EP111 to build very wide clock fanout trees or to couple to a high frequency clock source. The LVCMOS/LVTTL input
provides a more standard interface for applications requiring only a single clock distribution chip at relatively low frequencies. In
addition, the two clock sources can be used to provide for a test clock interface as well as the primary system clock. A logic HIGH
on the LVCMOS_CLK_Sel pin will select the TTL level clock input.
The MPC940 is fully 3.3V compatible. The 32–lead TQFP package was chosen to optimize performance, board space and
cost of the device. The 32–lead TQFP has a 7x7mm body size with a conservative 0.8mm pin spacing.
This document contains information on a new product. Specifications and information herein are subject to
change without notice.
MPC940
LOW VOLTAGE
1:18 CLOCK
DISTRIBUTION CHIP
FA SUFFIX
32–LEAD TQFP PACKAGE
CASE 873A–02


Similar Part No. - MPC940

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
logo
Integrated Device Techn...
MPC940LAC IDT-MPC940LAC Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC940LACR2 IDT-MPC940LACR2 Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
More results

Similar Description - MPC940

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC940L MOTOROLA-MPC940L Datasheet
91Kb / 5P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942C MOTOROLA-MPC942C Datasheet
232Kb / 4P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
logo
Alliance Semiconductor ...
ASM2I9940L ALSC-ASM2I9940L Datasheet
223Kb / 13P
Low Voltage 1:18 Clock Distribution Chip
ASM2I9942P ALSC-ASM2I9942P Datasheet
433Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK940L PHILIPS-PCK940L Datasheet
87Kb / 16P
Low voltage 1 : 18 clock distribution chip
Rev. 01-4 April 2006
logo
Integrated Device Techn...
MPC940L IDT-MPC940L Datasheet
1Mb / 11P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
MPC942P IDT-MPC942P Datasheet
373Kb / 6P
Low Voltage 1:18 Clock Distribution Chip
logo
PulseCore Semiconductor
PCS2I9942P PULSECORE-PCS2I9942P Datasheet
437Kb / 10P
Low Voltage 1:18 Clock Distribution Chip
logo
NXP Semiconductors
PCK942P NXP-PCK942P Datasheet
68Kb / 11P
Low voltage 1 : 18 clock distribution chip
Rev. 01-17 February 2006
logo
Renesas Technology Corp
MPC940L RENESAS-MPC940L Datasheet
531Kb / 13P
LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
October 4, 2016
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com