Electronic Components Datasheet Search
  English  ▼

X  

OM7764ASC Datasheet(PDF) 1 Page - International Rectifier

Part # OM7764ASC
Description  Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM7764ASC Datasheet(HTML) 1 Page - International Rectifier

  OM7764ASC Datasheet HTML 1Page - International Rectifier OM7764ASC Datasheet HTML 2Page - International Rectifier OM7764ASC Datasheet HTML 3Page - International Rectifier OM7764ASC Datasheet HTML 4Page - International Rectifier OM7764ASC Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ultra Low Dropout, 3.0A
Adjustable Positive Linear Regulator
5962 - 0323801MYA
Thru-Hole (MO-078AA)
www.irf.com
1
10/25/06
MO-078AA
OM7764ASC
Description
Features:
n Dropout Voltage of 400mV at Full Load
n Wide Input Range: 2.7V to 20V
n Low Noise: 40mVRMS ( 10Hz to 10KHz )
n Fast Transient Response
n No Protection Diodes needed
n Hermetic MO-078AA Package ensures
High Reliability
The OM7764ASC is a 3.0A, ultra low dropout,
adjustable linear regulator specifically designed for
low voltage, high current applications. Housed in a
hermetic package, the dropout of these devices is
400mV at full load. All protective features are
designed into the circuit including thermal shutdown,
current limiting and safe area control. These units are
ideally suited for military/defense, commercial aircraft,
industrial control and other harsh environments where
a hermetically sealed package is required.
Absolute Maximum Ratings
Parameter
Symbol
Value
Units
Output Currrent
IO
3.0
A
Input Voltage
VIN
+20
V
Power Dissipation @ Tc = 25°C
PD
20
W
Thermal Resistance, Junction to Case
RθJC
5.0
°C/W
Operating Junction Temperature Range
TJ
-55 to +125
Storage Temperature Range
TSTG
-65 to +150
°C
Lead Temperature Soldering (10second maximum)
TL
300
Product Summary
Part Number
Output Voltage
Current
Dropout
OM7764ASC
1.21V to 20V
3.0A
0.4V
PD - 94749A


Similar Part No. - OM7764ASC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
64Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
OM7764ASC IRF-OM7764ASC Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
OM7764ASC IRF-OM7764ASC_15 Datasheet
168Kb / 5P
Dropout Voltage of 400mV at Full Load
More results

Similar Description - OM7764ASC

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM7764ASC IRF-OM7764ASC Datasheet
64Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator 5962 - 0323801MYA Thru-Hole (MO-078AA)
OM7581SC IRF-OM7581SC Datasheet
55Kb / 4P
Ultra Low Dropout, 10A Adjustable Positive Linear Regulator Thru-Hole (C6)
OM7764ASM IRF-OM7764ASM Datasheet
176Kb / 5P
Ultra Low Dropout, 3.0A Adjustable Positive Linear Regulator Surface Mount (SMD-6)
IRUH33PA13A1M IRF-IRUH33PA13A1M Datasheet
56Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator 3.3Vin at 3.0A
IRUH33PA13B1M IRF-IRUH33PA13B1M Datasheet
62Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH33PA13B20 IRF-IRUH33PA13B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23A1M IRF-IRUH50PA23A1M Datasheet
107Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
IRUH50PA23B1M IRF-IRUH50PA23B1M Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
logo
Maxim Integrated Produc...
MAX5084 MAXIM-MAX5084 Datasheet
267Kb / 4P
Ultra Low Dropout, 7.0A Adjustable Positive Linear Regulator Thru-Hole (MO-078AA
19-3928; Rev 1; 4/06
logo
International Rectifier
IRUH50PA23B20 IRF-IRUH50PA23B20 Datasheet
108Kb / 7P
Ultra Low Dropout Positive Adjustable Linear Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com