Electronic Components Datasheet Search
  English  ▼

X  

IXTP56N15T Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP56N15T
Description  N-Channel Enhancement Mode Avalanche Rated
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP56N15T Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP56N15T Datasheet HTML 1Page - IXYS Corporation IXTP56N15T Datasheet HTML 2Page - IXYS Corporation IXTP56N15T Datasheet HTML 3Page - IXYS Corporation IXTP56N15T Datasheet HTML 4Page - IXYS Corporation IXTP56N15T Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2007 IXYS CORPORATION, All rights reserved
IXYS REF: T_56N15T (4G) 12-07-06.xls
IXTA56N15T
IXTP56N15T
Fig. 14. Resistive Turn-on
Rise Time vs. Drain Current
7
9
11
13
15
17
19
14
17
20
23
26
29
32
35
38
41
44
47
50
53
56
ID - Amperes
RG = 5Ω
VGS = 15V
VDS = 75V
TJ = 125ºC
TJ = 25ºC
Fig. 15. Resistive Turn-on
Switching Times vs. Gate Resistance
8
9
10
11
12
13
14
15
16
17
18
5
6
7
8
9
10 1112 1314 15 1617 1819 20
RG - Ohms
14
15
16
17
18
19
t r
td(on) - - - -
TJ = 125ºC, VGS = 15V
VDS = 75V
I D = 28A, 56A
Fig. 16. Resistive Turn-off
Switching Times vs. Junction Temperature
12
13
14
15
16
17
18
19
20
21
22
25
35
45
55
65
75
85
95
105
115
125
TJ - Degrees Centigrade
34
36
38
40
42
44
46
48
50
52
54
t f
td(off) - - - -
RG = 5Ω, VGS = 15V
VDS = 75V
I D = 28A
I D = 56A
Fig. 17. Resistive Turn-off
Switching Times vs. Drain Current
12
13
14
15
16
17
18
19
20
21
22
14 17 20 23 26 29 32 35 38 41 44 47 50 53 56
ID - Amperes
34
36
38
40
42
44
46
48
50
52
54
t f
td(off) - - - -
RG = 5Ω, VGS = 15V
VDS = 75V
TJ = 125ºC
TJ = 125ºC
TJ = 25ºC
Fig. 18. Resistive Turn-off
Switching Times vs. Gate Resistance
5
10
15
20
25
30
35
40
45
5
6
7
8
9
10 1112 1314 15 1617 1819 20
RG - Ohms
30
40
50
60
70
80
90
100
110
t f
td(off) - - - -
TJ = 125ºC, VGS = 15V
VDS = 75V
I D = 28A, 56A
Fig. 13. Resistive Turn-on
Rise Time vs. Junction Temperature
8
9
10
11
12
13
14
15
16
17
18
25
35
45
55
65
75
85
95
105
115
125
T J - Degrees Centigrade
RG = 5Ω
VGS = 15V
VDS = 75V
I D = 28A
I D = 56A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com