Electronic Components Datasheet Search
  English  ▼

X  

MPC940L Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC940L
Description  LOW VOLTAGE 1:18 CLOCK DISTRIBUTION CHIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC940L Datasheet(HTML) 3 Page - Motorola, Inc

  MPC940L Datasheet HTML 1Page - Motorola, Inc MPC940L Datasheet HTML 2Page - Motorola, Inc MPC940L Datasheet HTML 3Page - Motorola, Inc MPC940L Datasheet HTML 4Page - Motorola, Inc MPC940L Datasheet HTML 5Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MPC940L
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
3.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCCI = 3.3V ±5%; VCCO = 2.5V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
PECL_CLK
Other
2.135
2.0
2.42
3.60
V
VIL
Input LOW Voltage
PECL_CLK
Other
1.49
1.825
0.8
V
VPP
Peak–to–Peak Input Voltage
PECL_CLK
300
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC–1.6
VCC–0.6
V
VOH
Output HIGH Voltage
2.5
V
IOH = –16mA, Note 1.
VOL
Output LOW Voltage
0.5
V
IOH = 16mA, Note 1.
IIN
Input Current
±100
µA
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
8
pF
Per Output
ICC
Maximum Quiescent Supply Current
ICCL
ICCH
70
140
mA
1. The MPC940L outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge.
AC CHARACTERISTICS (TA = 0° to 70°C, VCCI = 3.3V ±5%; VCCO = 2.5V ±5%)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
250
MHz
Note 1.
tpd
Propagation Delay
PECL_CLK to Q
TTL_CLK to Q
2.0
2.3
ns
Note 1.
tsk(o)
Output–to–Output Skew
150
ps
Note 1.
tsk(pr)
Part–to–Part Skew
PECL_CLK to Q
TTL_CLK to Q
800
800
ps
Notes 2., 3.
tpwo
Output Pulse Width
45
55
p%
Note 1.,
Measured at VCC/2
tr, tf
Output Rise/Fall Time
0.20
1.0
ns
0.8V to 2.0V
1. Driving 50
Ω transmission lines
2. Part–to–part skew at a given temperature and voltage
3. Final specification limits will be determined from matrix lot material. 800ps is the “best estimate” based on initial material and experience with
previous products.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com