Electronic Components Datasheet Search
  English  ▼

X  

E2002S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E2002S
Description  2C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E2002S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E2002S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E2002S
Date:
1/25/2011
Revision Level:
6
2C 22 AWG 7/30 BC SR-PVC OAS PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG 7/.0096" Bare Copper
.008” Wall Semi-Rigid Polyvinyl Chloride
.015” Wall Polyvinyl Chloride – Gray
.029” nom.
CAROL A (R) 22 AWG - - E2002S - - 75C E60233-8 (UL) CL3R --- C (UL) CMR - - MADE IN
USA (DATE CODE & SEQUENTIAL FOOTAGE)
2C @ 1.75” LHL with Aluminum/Polyester shield (foil side out)
.095" nom.
.045” nom.
.125" +/- .007"
w/ 24 AWG 7/.0076" Tinned Copper drain wire
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C
300V
14.8 Ohms/1000 ft nom
44.56 pF/ft @ 1kHz nom
43.3 Ohms @ 1MHz nom
6.2 Ohms/1000 ft nom
80.21 pF/ft @ 1kHz nom
National Electrical Code
Article 725
UL Standard 13
Type CL3R
National Electrical Code
Article 800
UL Standard 444
Type CMR
1
2
Black
Red
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - E2002S

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
List of Unclassifed Man...
E200 ETC2-E200 Datasheet
313Kb / 5P
Industrial Control Transformers
logo
Eaton All Rights Reserv...
E200 EATON-E200 Datasheet
1Mb / 8P
Eaton’s Moulded Accessory Range (EMA)
logo
E-SWITCH
E200 E-SWITCH-E200 Datasheet
888Kb / 3P
E200 Series Pushbutton Switch
4.25.2024
E200-R11-A1 E-SWITCH-E200-R11-A1 Datasheet
888Kb / 3P
E200 Series Pushbutton Switch
4.25.2024
More results

Similar Description - E2002S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E1002S GENERAL-E1002S Datasheet
73Kb / 1P
2C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E2000S GENERAL-E2000S Datasheet
73Kb / 1P
2C 22 SOLID BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2003S GENERAL-E2003S Datasheet
74Kb / 1P
3C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2004S GENERAL-E2004S Datasheet
74Kb / 1P
4C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2006S GENERAL-E2006S Datasheet
74Kb / 1P
6C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2008S GENERAL-E2008S Datasheet
74Kb / 1P
8C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2010S GENERAL-E2010S Datasheet
74Kb / 1P
10C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2012S GENERAL-E2012S Datasheet
74Kb / 1P
12C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2022S GENERAL-E2022S Datasheet
73Kb / 1P
2C 20 7/28 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2032S GENERAL-E2032S Datasheet
59Kb / 1P
2C 18 AWG (7/26)BC SR-PVC, OAS, PVC SOUND, ALARM AND SECURITY CABLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com