Electronic Components Datasheet Search
  English  ▼

X  

E2012S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E2012S
Description  12C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E2012S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E2012S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E2012S
Date:
10/29/2007
Revision Level:
4
12C 22 AWG 7/30 BC SR-PVC OAS PVC
Sound, Alarm & Security Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#22 AWG 7/30 Bare Copper
0.008” Wall Semi-Rigid Polyvinyl Chloride
0.015” Wall Polyvinyl Chloride – Gray
0.029” nom.
CAROL A (R) 22 AWG - - E2012S - - 75C E60233-8 (UL) CL3R --- C (UL) CMR - - MADE IN
USA (DATE CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
12C @ 2.75” LHL with mylar wrap
0.195" nom.
0.045” nom.
0.225" +/- 0.011"
AL / PE tape & #18 AWG 16/30 TC DW
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
SHIELD RESISTANCE:
GROUND CAPACITANCE:
75C
300V
14.8 Ohms/1000 ft nom
33.02 pF/ft @ 1kHz nom
52.5 Ohms @ 1MHz nom
6.2 Ohms/1000 ft nom
59.44 pF/ft @ 1kHz nom
National Electrical Code
Article 725
UL Standard 13
Type CL3R
National Electrical Code
Article 800
UL Standard 444
Type CMR
1
2
3
4
5
6
7
8
9
10
11
12
Black
Red
White
Green
Brown
Blue
Orange
Yellow
Violet
Gray
Pink
Tan
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.


Similar Part No. - E2012S

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
E2012-BA NKK-E2012-BA Datasheet
159Kb / 6P
Light Duty Miniature Toggles
E2012-BB NKK-E2012-BB Datasheet
159Kb / 6P
Light Duty Miniature Toggles
E2012-BC NKK-E2012-BC Datasheet
159Kb / 6P
Light Duty Miniature Toggles
E2012-BE NKK-E2012-BE Datasheet
159Kb / 6P
Light Duty Miniature Toggles
E2012-BF NKK-E2012-BF Datasheet
159Kb / 6P
Light Duty Miniature Toggles
More results

Similar Description - E2012S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
E1002S GENERAL-E1002S Datasheet
73Kb / 1P
2C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1008S GENERAL-E1008S Datasheet
74Kb / 1P
8C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E1012S GENERAL-E1012S Datasheet
74Kb / 1P
12C 22 AWG 7/30 BC SR-PVC PVC Sound, Alarm & Security Cable
E2002S GENERAL-E2002S Datasheet
73Kb / 1P
2C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2003S GENERAL-E2003S Datasheet
74Kb / 1P
3C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2004S GENERAL-E2004S Datasheet
74Kb / 1P
4C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2006S GENERAL-E2006S Datasheet
74Kb / 1P
6C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2008S GENERAL-E2008S Datasheet
74Kb / 1P
8C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2010S GENERAL-E2010S Datasheet
74Kb / 1P
10C 22 AWG 7/30 BC SR-PVC OAS PVC Sound, Alarm & Security Cable
E2041S GENERAL-E2041S Datasheet
74Kb / 1P
12C 18 AWG 7/26 BC PVC OAS PVC Sound, Alarm & Security Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com