Electronic Components Datasheet Search
  English  ▼

X  

D2KB100 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # D2KB100
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D2KB100 Datasheet(HTML) 1 Page - Leshan Radio Company

  D2KB100 Datasheet HTML 1Page - Leshan Radio Company D2KB100 Datasheet HTML 2Page - Leshan Radio Company D2KB100 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
2 
 
D2KB10 Thru D2KB100
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 2.0 A
FEATURES
Plastic Package has Underwriters
Laboratory Flammability
Classification 94V-0
High current capacity with small
package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter Symbol
Symbol
D2KB10
D2KB20
D2KB40
D2KB60
D2KB80
D2KB100
Unit
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25 ℃
5
at rated DC blocking voltage TA=125℃
IR
500
µA
Average rectified forward current Tc=100℃
2.0
A
60Hz Sine wave Resistance load TA=40℃
Io
1.2
A
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
IFSM
75
A
Rating of fusing (t<8.3ms)
I
2t
27
A
2sec
Max instantaneous forward voltage at 2.0A
VF
1.0
5
V
Dielectric strength terminals to case, AC 1
minute Current 1mA
Vdia
2.5
KV
Maximum thermal on P.C.B. without
heat-sink
RθJA
13.4
resistance per leg on Al plate heat-sink
RθJC
2.3
℃
/W
Operating junction temperature
TJ
-55~150
℃
Storage temperature
Tstg
-55~150
℃


Similar Part No. - D2KB100

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
D2KB100 ZSELEC-D2KB100 Datasheet
117Kb / 2P
2.0A BRIDGE RECTIFIER
D2KB100 ZSELEC-D2KB100 Datasheet
104Kb / 2P
2.0A BRIDGE RECTIFIER
logo
Won-Top Electronics
D2KB100 WTE-D2KB100 Datasheet
51Kb / 4P
2.0A GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIER
September, 2012
logo
Guangdong Huixin Electr...
D2KB100 HUIXIN-D2KB100 Datasheet
136Kb / 2P
Single Phase 2.0Amp Glass passivated Bridge Rectifiers
More results

Similar Description - D2KB100

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D3KB10 LRC-D3KB10 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com