Electronic Components Datasheet Search
  English  ▼

X  

D4KB10 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # D4KB10
Description  High Current Glass Passivated Molding Single-Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

D4KB10 Datasheet(HTML) 1 Page - Leshan Radio Company

  D4KB10 Datasheet HTML 1Page - Leshan Radio Company D4KB10 Datasheet HTML 2Page - Leshan Radio Company D4KB10 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
2 
 
D4KB10 Thru D4KB100
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
Reverse Voltage 100 to 1000V
Forward Current 4.0 A
FEATURES
Plastic Package has Underwriters
Laboratory Flammability
Classification 94V-0
High current capacity with small
package
Glass passivated chip junctions
Superior thermal conductivity
High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Parameter Symbol
Symbol
D4KB10
D4KB20
D4KB40
D4KB60
D4KB80
D4KB100
Unit
Maximum repetitive voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum DC reverse current TA=25 ℃
5
at rated DC blocking voltage TA=125℃
IR
500
µA
Average rectified forward current Tc=100℃
4
A
60Hz Sine wave Resistance load TA=40℃
Io
3
A
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
IFSM
135
A
Rating of fusing (t<8.3ms)
I
2t
75
A
2sec
Dielectric strength terminals to case, AC 1
minute Current 1mA
Vdia
2.5
KV
Max instantaneous forward voltage at 2.0A
VF
1.0
5
V
Operating junction temperature
TJ
-55~150
℃
Maximum thermal on P.C.B. without
heat-sink
RθJA
14
resistance per leg on Al plate heat-sink
RθJC
8.2
℃
/W
Storage temperature
Tstg
-55~150
℃


Similar Part No. - D4KB10

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
D4KB10 SECOS-D4KB10 Datasheet
942Kb / 2P
Voltage 50V ~ 1000V 4.0Amp Glass Passivited Bridge Rectifiers
logo
Goodwork Semiconductor ...
D4KB10 GWSEMI-D4KB10 Datasheet
71Kb / 2P
SINGLE PHASE 4.0 AMP BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
D4KB10 BYTESONIC-D4KB10 Datasheet
139Kb / 2P
GLASSPASSIVATED BRIDGE
Version 1.1 2013/9/28
logo
Zibo Seno Electronic En...
D4KB10 ZSELEC-D4KB10 Datasheet
117Kb / 2P
4.0A BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D4KB10 YFWDIODE-D4KB10 Datasheet
456Kb / 3P
4.0A GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - D4KB10

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D3KB10 LRC-D3KB10 Datasheet
190Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D20SB10 LRC-D20SB10_12 Datasheet
317Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D35SB10 LRC-D35SB10 Datasheet
293Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com