Electronic Components Datasheet Search
  English  ▼

X  

DF30DB80 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # DF30DB80
Description  High Current Glass Passivated Molding Three -Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

DF30DB80 Datasheet(HTML) 1 Page - Leshan Radio Company

  DF30DB80 Datasheet HTML 1Page - Leshan Radio Company DF30DB80 Datasheet HTML 2Page - Leshan Radio Company DF30DB80 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2
DF30DB80 Thru DF30DB160
High Current Glass Passivated Molding Three -Phase Bridge Rectifier
Reverse Voltage 800 to 1600V
Forward Current 30A
FEATURES
l
Plastic Package has Underwriters Laboratory
Flammability Classification 94V-0
l
High current capacity with small package
l
Glass passivated chip junctions
l
Superior thermal conductivity
l High IFSM
1. Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless otherwise specified.
Item
Symbol
DF30DB80
DF30DB120
DF30DB160
Unit
Maximum repetitive voltage
VRRM
800
1200
1600
V
Non-repetitive peak reverse voltage
VRSM
900
1300
1700
V
Symbol
Item
Conditions
Ratings
Unit
ID
Output current(DC)
Three phase, full wave,,Tc=83℃
30
A
IFSM
Forward surge current
1 cycle,50/60Hz,peak value,non-repetitive
365/400
A
Tj
Junction temperature
-55 to 125
℃
Tstg
Storage Temperature
-55 to 125
℃
Viso
Isolation Breakdown Voltage (R.M.S) Main Terminal to case 1 minute
2500
V
Mounting Torque (M4)
Recommended Value 1.0-1.4 (10-14)
1.5 (15)
N.m
(kgf.cm)
Mass
Typical Value
32
g
Symbol
Item
Conditions
Ratings
Unit
IRRM
Repetitive peak reverse current,max. Tj=150℃ at VRRM
1.5
mA
VFM
Forward Voltage Drop,max.
IFM=15A,Tj=25℃ Inst. Measurement
1.05
V
Rth (j-c)
Thermal Impedance max.
Junction to case
1.0
℃
/W


Similar Part No. - DF30DB80

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF30DB80 ETC2-DF30DB80 Datasheet
84Kb / 2P
Isolated Mounting Base
More results

Similar Description - DF30DB80

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
GBL401 WEITRON-GBL401 Datasheet
222Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
Leshan Radio Company
D2KB10 LRC-D2KB10 Datasheet
228Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D4KB10 LRC-D4KB10 Datasheet
210Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
D10SB10 LRC-D10SB10_12 Datasheet
243Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
DB202S LRC-DB202S Datasheet
185Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
GBU20B LRC-GBU20B Datasheet
236Kb / 3P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
MP3510W LRC-MP3510W Datasheet
211Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
PSD2508 LRC-PSD2508 Datasheet
458Kb / 3P
High Current Glass Passivated Molding Three -Phase Bridge Rectifier
ABS10 LRC-ABS10 Datasheet
673Kb / 4P
High Current Glass Passivated Molding Single-Phase Bridge Rectifier
logo
DONGGUAN YOU FENG WEI E...
SKBPC3508 YFWDIODE-SKBPC3508 Datasheet
419Kb / 3P
High Current Glass Passivated Molding Three-Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com