Electronic Components Datasheet Search
  English  ▼

X  

AP9435GP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP9435GP
Description  Low Gate Charge, Simple Drive Requirement
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP9435GP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP9435GP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP9435GP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP9435GP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP9435GP Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Low Gate Charge
BVDSS
-30V
▼ Simple Drive Requirement
RDS(ON)
50mΩ
▼ Fast Switching
ID
- 15A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
10
℃
/W
Rthj-a
Maximum Thermal Resistance, Junction-ambient
62
℃
/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
-55 to 150
Storage Temperature Range
Continuous Drain Current
-8
Pulsed Drain Current
1
-60
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current
AP9435GP
Rating
RoHS-compliant Product
200902252
1
- 30
+20
-15
12.5
G
D
S
G
D
S
TO-220(P)
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 package is widely preferred for commercial-industrial
through-hole applications and suited for low voltage applications such
as DC/DC converters.


Similar Part No. - AP9435GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9435GP-HF A-POWER-AP9435GP-HF_14 Datasheet
100Kb / 4P
Simple Drive Requirement
More results

Similar Description - AP9435GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP60T03AS A-POWER-AP60T03AS Datasheet
82Kb / 4P
Simple Drive Requirement Low Gate Charge
AP60T03GH,J A-POWER-AP60T03GH,J Datasheet
104Kb / 4P
Simple Drive Requirement, Low Gate Charge
AP60T03GH,J-HF A-POWER-AP60T03GH,J-HF Datasheet
104Kb / 4P
Simple Drive Requirement, Low Gate Charge
AP60T03GS A-POWER-AP60T03GS Datasheet
206Kb / 6P
Simple Drive Requirement, Low Gate Charge
AP70L02GH A-POWER-AP70L02GH Datasheet
84Kb / 6P
Low Gate Charge, Simple Drive Requirement
AP70T03AH A-POWER-AP70T03AH Datasheet
76Kb / 4P
Simple Drive Requirement, Low Gate Charge
AP70T03AS A-POWER-AP70T03AS Datasheet
77Kb / 4P
Simple Drive Requirement, Low Gate Charge
AP85T03GS,P-HF A-POWER-AP85T03GS,P-HF Datasheet
105Kb / 4P
Low Gate Charge, Simple Drive Requirement
AP9435GM A-POWER-AP9435GM Datasheet
185Kb / 5P
Simple Drive Requirement, Low Gate Charge
AP4951GM A-POWER-AP4951GM Datasheet
188Kb / 5P
Simple Drive Requirement, Low Gate Charge
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com