Electronic Components Datasheet Search
  English  ▼

X  

HVP18 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # HVP18
Description  Controlled avalanche characteristic combined Low forward voltage drop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVP18 Datasheet(HTML) 1 Page - Leshan Radio Company

  HVP18 Datasheet HTML 1Page - Leshan Radio Company HVP18 Datasheet HTML 2Page - Leshan Radio Company HVP18 Datasheet HTML 3Page - Leshan Radio Company HVP18 Datasheet HTML 4Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HVP**
Features
Controlled avalanche characteristic combined
with the ability to dissipate reverse power
Plastic package has underwriters laboratory lammability
classification 94V-0
Low forward voltage drop
Typical IR less than 1 uA
High overload surge capability
High temperature soldering guaranteed
260-C/10s/.375" (9.5mm) lead length at 5 lbs.,
(2.3kg) tension
Mechanical data
Case: Reliable low cost construction utilizing
molded plastic technique
Terminals: Axial leads. Solderable per MIL-STD-202
Method 208
Polarity: marking on body
Weight: 32 g
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified
.
Parameter
Symbol
HVP5
HVP8
HVP10
HVP12
HVP15
HVP16
HVP18
Unit
Maximum repetitive peak reverse voltage
VRRM
5
8
10
12
15
16
18
KV
Maximum RSM voltage
VRSM
3.5
5.6
7
8.4
10.5
11.2
12.6
KV
Maximum DC blocking voltage
VDC
5
8
10
12
15
16
18
KV
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55-C
IO
750
mA
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Operating junction and storage
temperature range
TJ,TSTG
-40 to +130
-C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
HVP5
HVP8
HVP10
HVP12
HVP15
HVP16
HVP18
Unit
Maximum instantaneous forward voltage
at 0.75A
VF
10.0
12
14
16
V
Maximum DC reverse current at rated DC
blocking voltage;
TA=25℃
IR
10.0
μ
A
We declare that the material of product
compliance with RoHS requirements.


Similar Part No. - HVP18

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HVP180 HITRON-HVP180 Datasheet
547Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180-21 HITRON-HVP180-21 Datasheet
547Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180-22 HITRON-HVP180-22 Datasheet
547Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180-23 HITRON-HVP180-23 Datasheet
547Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
HVP180-290 HITRON-HVP180-290 Datasheet
547Kb / 2P
UNIVERSAL INPUT HARMONIC CORRECTION AC-DC OPEN FRAME DUAL OUTPUT 180 WATTS INTERNAL SWITCHING POWER SUPPLIES
More results

Similar Description - HVP18

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Leshan Radio Company
HVM5 LRC-HVM5_11 Datasheet
284Kb / 8P
Controlled avalanche characteristic combined Low forward voltage drop
UHVM6-350 LRC-UHVM6-350 Datasheet
95Kb / 4P
Controlled avalanche characteristic combined with the ability to dissipate reverse power
UHVM6-450 LRC-UHVM6-450 Datasheet
102Kb / 4P
Controlled avalanche characteristic combined with the ability to dissipate reverse power
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Shanghai Leiditech Elec...
HVM5 LEIDITECH-HVM5 Datasheet
506Kb / 8P
Controlled avalanche characteristic combined
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com