Electronic Components Datasheet Search
  English  ▼

X  

MPC948 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPC948
Description  LOW VOLTAGE 1:12 CLOCK DISTRIBUTION CHIP
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC948 Datasheet(HTML) 3 Page - Motorola, Inc

  MPC948 Datasheet HTML 1Page - Motorola, Inc MPC948 Datasheet HTML 2Page - Motorola, Inc MPC948 Datasheet HTML 3Page - Motorola, Inc MPC948 Datasheet HTML 4Page - Motorola, Inc MPC948 Datasheet HTML 5Page - Motorola, Inc MPC948 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MPC948
TIMING SOLUTIONS
BR1333 — Rev 6
3
MOTOROLA
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.3
4.6
V
VI
Input Voltage
–0.3
VDD + 0.3
V
IIN
Input Current
±20
mA
TStor
Storage Temperature Range
–40
125
°C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute–maximum–rated conditions is not implied.
DC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
VIH
Input HIGH Voltage
PECL_CLK
Other
2.135
2.0
2.42
3.60
V
Single Ended Spec
VIL
Input LOW Voltage
PECL_CLK
Other
1.49
1.825
0.8
V
Single Ended Spec
VPP
Peak–to–Peak Input Voltage
PECL_CLK
300
1000
mV
VCMR
Common Mode Range
PECL_CLK
VCC – 2.0
VCC – 0.6
V
Note NO TAG
VOH
Output HIGH Voltage
2.5
V
IOH = –20mA (Note
NO TAG)
VOL
Output LOW Voltage
0.4
V
IOL = 20mA (Note
NO TAG)
IIN
Input Current
±100
µA
Note NO TAG
CIN
Input Capacitance
4
pF
Cpd
Power Dissipation Capacitance
25
pF
Per Output
ICC
Maximum Quiescent Supply Current
22
30
mA
1. VCMR is the difference from the most positive side of the differential input signal. Normal operation is obtained when the “HIGH” input is within
the VCMR range and the input swing lies within the VPP specification.
2. The MPC948 outputs can drive series or parallel terminated 50
Ω (or 50Ω to VCC/2) transmission lines on the incident edge (see Applications
Info section).
3. Inputs have pull–up resistors which affect input current, PECL_CLK has a pull–down resistor.
AC CHARACTERISTICS (TA = 0° to 70°C, VCC = 3.3V ±0.3V)
Symbol
Characteristic
Min
Typ
Max
Unit
Condition
Fmax
Maximum Input Frequency
150
MHz
Note NO TAG
tpd
Propagation Delay
PECL_CLK to Q
TTL_CLK to Q
4.0
4.4
8.0
8.9
ns
Note NO TAG
tsk(o)
Output–to–Output Skew
350
ps
Note NO TAG
tsk(pr)
Part–to–Part Skew
PECL_CLK to Q
TTL_CLK to Q
1.5
2.0
ns
Notes NO TAG,
NO TAG
tpwo
Output Pulse Width
tCYCLE/2–
800
tCYCLE/2+
800
ps
Notes NO TAG,
NO TAG
Measured at VCC/2
ts
Setup Time
Sync_OE to PECL_CLK
Sync_OE to TTL_CLK
1.0
0.0
ns
Notes NO TAG,
NO TAG
th
Hold Time
PECL_CLK to Sync_OE
TTL_CLK to Sync_OE
0.0
1.0
ns
Notes NO TAG,
NO TAG
tPZL,tPZH
Output Enable Time
3
11
ns
tPLZ,tPHZ
Output Disable Time
3
11
ns
tr, tf
Output Rise/Fall Time
0.20
1.0
ns
0.8V to 2.0V
4. Driving 50
Ω transmission lines
5. Part–to–part skew at a given temperature and voltage
6. Assumes 50% input duty cycle.
7. Setup and Hold times are relative to the falling edge of the input clock



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com