Electronic Components Datasheet Search
  English  ▼

X  

VKA100LS02C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # VKA100LS02C
Description  100 Watt Adjustable Output DC/DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

VKA100LS02C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  VKA100LS02C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. VKA100LS02C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RoHS Compliant
33 - 75V Input Range
High Efficiency: 87% Typical at 5V
100mS Transient Response 50-
100% Load Step
420 kHz Fixed-Frequency
Operation
Remote Sense
Operation to +100°C Baseplate
Temperature
Primary Remote On/Off, Choice of
Pos/Neg Logic
Adjustable Output Voltage
Continuout Short-Circuit Protection
Thermal Shutdown
Case Ground Pin
The VKA100xSC Series DC/DC con-
verters present an economical and
practical solution for distributed power
system architectures which require
high power density and efficiency while
maintaining system modularity and
upgradeability. With the ability to oper-
ate over a wide input voltage range
of 18 to 36 and 33 to 75 volts, these
modules are ideal for use in battery
backup applications common in today’s
telecommunication and electronic data
processing applications. The output is
fully isolated from the input, allowing
for a variety of polarity and grounding
configurations.
The VKA100xSC’s proprietary con-
trol circuitry responds to 50-100% load
steps in 100mSeconds to within 1%
nominal Vout.
The patented fixed frequency
architecture combined with surface
mount technology results in a compact,
efficient and reliable solution to DC/
DC conversion requirements. Safety Per
UL1950, EN 60950 and CSA 22.2 #234
PRODUCT SELECTION CHART
email: sales@murata-ps.com
04 May 2011 VKA100C.BO5 Page 1 of 4
VKA100
100 Watt Adjustable Output DC/DC Converter
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
 
www.murata-ps.com
MODEL
INPUT
VOUT
IOUT
EFFICIENCY
VOLTAGE
(VDC)
(A)
MIN
TYP
VKA100LS02C
2.0V
20.0
75
76
VKA100LS02FC
2.0V
30.0
73
74
VKA100LS2V5FC
2.5V
30.0
75
76
VKA100LS03C
3.3V
20.0
80
81
VKA100LS03FC
3.3V
30.0
80
81
VKA100LS05C
24VDC
5.0V
20.0
85
86
VKA100LS12C
12.0V
8.3
87
88
VKA100LS15C
(18-36)
15.0V
6.7
88
89
VKA100LS24C
24.0V
4.2
89
90
VKA100MS02C
2.0V
20.0
76
77
VKA100MS02FC
2.0V
30.0
74
75
VKA100MS2V5FC
2.5V
30.0
77
78
VKA100MS03C
3.3V
20.0
81
82
VKA100MS03FC
3.3V
30.0
81
82
VKA100MS05C
48VDC
5.0V
20.0
86
87
VKA100MS12C
12.0V
8.3
88
89
VKA100MS15C
(33-75)
15.0V
6.7
89
90
VKA100MS24C
24.0V
4.2
89
90
mpliant
Input Raange
ciency: 8
87% Typiical at 5V
V
ransientt Response 50-
d Step
Operation to +100°C Baasep
Teemperature
Primaryy Remotee On/Off,, Ch
Pos/Neg
g Logic
Adjustaable Outp
put Voltag
ge
Continu
uout Shorrt Circuitt P
TARGETED FOR
OBSOLESCENCE
TARGETED FOR OBSOLESCENCE
TARGETED FOR OBSOLESCENCE
TARGETED FOR OBSOLESCENCE
TARGETED FOR OBSOLESCENCE
TARGETED FOR OBSOLESCENCE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE
OBSOLETE


Similar Part No. - VKA100LS02C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA100LS02 CANDD-VKA100LS02 Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA100LS02F CANDD-VKA100LS02F Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results

Similar Description - VKA100LS02C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
IHB100T CANDD-IHB100T Datasheet
265Kb / 4P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
VKA100XS CANDD-VKA100XS Datasheet
463Kb / 4P
100 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
VKP100XT CANDD-VKP100XT Datasheet
833Kb / 6P
100 WATT TRIPLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Wall Industries,Inc.
DCSD-100 WALL-DCSD-100 Datasheet
170Kb / 3P
100 Watt Single Output Chassis Mount DC/DC Converter
logo
Murata Power Solutions ...
IHB100S4803C MURATA-PS-IHB100S4803C Datasheet
148Kb / 4P
100 Watt Single Output Half Brick DC/DC Converter
IHB100T480312C MURATA-PS-IHB100T480312C Datasheet
151Kb / 4P
100 Watt Triple Output Half Brick DC/DC Converter
VKP100MT312C MURATA-PS-VKP100MT312C Datasheet
212Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
VKP100MT312 MURATA-PS-VKP100MT312 Datasheet
296Kb / 6P
100 Watt, Dual/Triple Output, Half Brick DC/DC Converter
logo
TECHNOLOGY ASSISTANCE B...
XTDRSP-1500-12 TAB-XTDRSP-1500-12 Datasheet
186Kb / 2P
1500 WATT SINGLE OUTPUT DC-DC CONVERTER
logo
Wall Industries,Inc.
SU33S33 WALL-SU33S33 Datasheet
253Kb / 4P
1 Watt DC/DC Converter Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com