Electronic Components Datasheet Search
  English  ▼

X  

STPS2L60-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS2L60-Y
Description  Automotive power Schottky rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2L60-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPS2L60-Y Datasheet HTML 1Page - STMicroelectronics STPS2L60-Y Datasheet HTML 2Page - STMicroelectronics STPS2L60-Y Datasheet HTML 3Page - STMicroelectronics STPS2L60-Y Datasheet HTML 4Page - STMicroelectronics STPS2L60-Y Datasheet HTML 5Page - STMicroelectronics STPS2L60-Y Datasheet HTML 6Page - STMicroelectronics STPS2L60-Y Datasheet HTML 7Page - STMicroelectronics STPS2L60-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
November 2011
Doc ID 018927 Rev 1
1/7
7
STPS2L60-Y
Automotive power Schottky rectifier
Features
■ AEC-Q101 qualified
■ Negligible switching losses
■ Low forward voltage drop
■ Surface mount miniature package
■ Avalanche capability specified
■ ECOPACK®2 compliant component
Description
This power Schottky rectifier is suited to switched
mode power supplies and high frequency DC to
DC converters for automative applications.
Packaged in SMA, this device is especially
intended for use in low voltage, high frequency
inverters and small battery chargers.
Table 1.
Device summary
Symbol
Value
IF(AV)
2 A
VRRM
60 V
Tj (max)
150 °C
VF(max)
0.55 V
K
A
SMA
STPS2L60AY
www.st.com


Similar Part No. - STPS2L60-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2L60-Y STMICROELECTRONICS-STPS2L60-Y Datasheet
83Kb / 7P
Automotive power Schottky rectifier
02-Nov-2011
More results

Similar Description - STPS2L60-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS2H100-Y STMICROELECTRONICS-STPS2H100-Y Datasheet
112Kb / 9P
Automotive power Schottky rectifier
03-Dec-2010
STPS3L40-Y STMICROELECTRONICS-STPS3L40-Y Datasheet
81Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS3L60-Y STMICROELECTRONICS-STPS3L60-Y Datasheet
87Kb / 7P
Automotive power Schottky rectifier
15-Sep-2011
STPS5L60-Y STMICROELECTRONICS-STPS5L60-Y Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS140-Y STMICROELECTRONICS-STPS140-Y Datasheet
103Kb / 9P
Automotive power Schottky rectifier
10-Dec-2010
STPS340-Y STMICROELECTRONICS-STPS340-Y Datasheet
99Kb / 8P
Automotive power Schottky rectifier
24-Oct-2012
STPS5L60SY STMICROELECTRONICS-STPS5L60SY Datasheet
187Kb / 7P
Automotive power Schottky rectifier
29-Mar-2012
STPS3150UY STMICROELECTRONICS-STPS3150UY Datasheet
95Kb / 7P
Automotive power Schottky rectifier
03-Nov-2011
STPS3L40SY STMICROELECTRONICS-STPS3L40SY Datasheet
91Kb / 7P
Automotive power Schottky rectifier
10-Mar-2011
STPS640C-Y STMICROELECTRONICS-STPS640C-Y Datasheet
198Kb / 8P
Automotive power Schottky rectifier
04-Dec-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com