Electronic Components Datasheet Search
  English  ▼

X  

E3514S Datasheet(PDF) 1 Page - General Cable Technologies Corporation

Part # E3514S
Description  4C 16 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

E3514S Datasheet(HTML) 1 Page - General Cable Technologies Corporation

  E3514S Datasheet HTML 1Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product Data Sheet
Part Number: E3514S
Date:
10/26/2007
Revision Level:
5
4C 16 SOLID BC FLEX FLEX
Fire Alarm/Life Safety Cable
A. CONSTRUCTION
DIAMETERS
B. INDUSTRY APPROVALS
C. ELECTRICAL PROPERTIES
Conductor:
Insulation:
Jacket:
Print Legend:
Cable:
#16 AWG Solid Bare Copper
0.010” Wall FLEXGUARD*
0.015” Wall FLEXGUARD* - Red
0.051” nom.
CAROL (R) 16 AWG - - E3514S - - 75C TYPE FPLP E66267-8 (UL) - - MADE IN USA (DATE
CODE & SEQUENTIAL FOOTAGE 1000’ TO 0’)
4C @ 4.00” LHL
0.172” nom.
0.071” nom.
0.202" +/- 0.01"
TEMPERATURE:
SUGGESTED WORKING VOLTAGE (Vrms):
CONDUCTOR D.C. RESISTANCE:
MUTUAL CAPACITANCE:
CHARACTERISTIC IMPEDANCE:
75C
300V
4.2 Ohms/1000 ft nom
36.83 pF/ft @ 1kHz nom
55.2 Ohms @ 1MHz nom
National Electrical Code
Article 760
UL Standard 1424
Type FPLP
1
2
3
4
Black
Red
Brown
Blue
D. COLOR CODE (Listed as Individual Conductors or Pairs of Conductors)
Note: Data are subject to change without notice. Contact your Customer Service representative for latest information.
*FLEXGUARD is a trademark of General Cable Corporation for polymer alloy insulation and jackets.


Similar Part No. - E3514S

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
E351 EATON-E351 Datasheet
1Mb / 8P
Eaton’s Moulded Accessory Range (EMA)
logo
General Cable Technolog...
E3512S GENERAL-E3512S Datasheet
57Kb / 1P
2C 16 AWG SOLID BC PVC / PVC
logo
Eaton All Rights Reserv...
E351D EATON-E351D Datasheet
1Mb / 8P
Eaton’s Moulded Accessory Range (EMA)
logo
IDEAL-TEK SA
E351TX.CR.BGO IDEAL-TEK-E351TX.CR.BGO Datasheet
454Kb / 1P
Tungsten Carbide Cutters
REV.00 - 15.02.2022
E351TXCRBG IDEAL-TEK-E351TXCRBG Datasheet
454Kb / 1P
Tungsten Carbide Cutters
REV.00 - 15.02.2022
More results

Similar Description - E3514S

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3171 GENERAL-C3171 Datasheet
74Kb / 1P
4C 16 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3173 GENERAL-C3173 Datasheet
74Kb / 1P
4C 14 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
C3175 GENERAL-C3175 Datasheet
74Kb / 1P
4C 12 SOLID BC HALAR OAS FLEX Fire Alarm/Life Safety Cable
E3484S GENERAL-E3484S Datasheet
74Kb / 1P
4C 22 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
E3504S GENERAL-E3504S Datasheet
74Kb / 1P
4C 18 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
E3524S GENERAL-E3524S Datasheet
74Kb / 1P
4C 14 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
E3534S GENERAL-E3534S Datasheet
74Kb / 1P
4C 12 SOLID BC FLEX FLEX Fire Alarm/Life Safety Cable
E3604S GENERAL-E3604S Datasheet
74Kb / 1P
4C 18 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
E3614S GENERAL-E3614S Datasheet
74Kb / 1P
4C 16 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
E3634S GENERAL-E3634S Datasheet
74Kb / 1P
4C 12 SOLID BC FLEX OAS FLEX Fire Alarm/Life Safety Cable
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com