Electronic Components Datasheet Search
  English  ▼

X  

MS-110262 Datasheet(PDF) 7 Page - Amphenol Corporation

Part # MS-110262
Description  the interchangeability and operating characteristics are determined by U.S. Military Specifications.
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

MS-110262 Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button MS-110262 Datasheet HTML 3Page - Amphenol Corporation MS-110262 Datasheet HTML 4Page - Amphenol Corporation MS-110262 Datasheet HTML 5Page - Amphenol Corporation MS-110262 Datasheet HTML 6Page - Amphenol Corporation MS-110262 Datasheet HTML 7Page - Amphenol Corporation MS-110262 Datasheet HTML 8Page - Amphenol Corporation MS-110262 Datasheet HTML 9Page - Amphenol Corporation MS-110262 Datasheet HTML 10Page - Amphenol Corporation MS-110262 Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
5
Electrical Data
Dielectric strength
Service rating
Test Voltage
Vac rms
Inst.
1000V
A
2000V
D
2800V
E
3500V
B
4500V
C
7000V
Service rating
Service rating
Operating Voltage
DC at Sea Level
Operating Voltage
AC at Sea Level
Inst.
250V
200V
A
700V
500V
D
1250V
900V
E
1750V
1250V
B
2450V
1750V
C
4200V
3000V
Contact rating
Contact
Size
Contact
Resistance
miliohms
Rated
Current
16
3.46
13A
12
1.83
23A
8
0.52
46A
4
0.26
80A
0
0.14
150A
MS And 97B Series
AMPHENOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com