Electronic Components Datasheet Search
  English  ▼

X  

AP98T06GP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP98T06GP
Description  Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP98T06GP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP98T06GP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP98T06GP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP98T06GP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP98T06GP Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
N-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼ Simple Drive Requirement
BVDSS
60V
▼ Lower Gate Charge
RDS(ON)
5mΩ
▼ Fast Switching Characteristic
ID
80A
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
IDM
A
PD@TC=25℃
W
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Maximum Thermal Resistance, Junction-case
0.5
℃
/W
Rthj-a
Maixmum Thermal Resistance, Junction-ambient
62
℃
/W
Data and specifications subject to change without notice
Thermal Data
Parameter
Storage Temperature Range
Total Power Dissipation
250
-55 to 150
Operating Junction Temperature Range
-55 to 150
Pulsed Drain Current
1
320
Gate-Source Voltage
+20
Continuous Drain Current, VGS @ 10V
3
80
Parameter
Rating
Drain-Source Voltage
60
200910282
1
AP98T06GP
RoHS-compliant Product
G
D
S
Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-220 package is widely preferred for commercial-industrial
through-hole applications.
G
D
S
TO-220(P)


Similar Part No. - AP98T06GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP98T06GP-HF A-POWER-AP98T06GP-HF_14 Datasheet
55Kb / 4P
Simple Drive Requirement
AP98T06GP-HF A-POWER-AP98T06GP-HF_16 Datasheet
54Kb / 5P
Fast Switching Characteristic
More results

Similar Description - AP98T06GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP9561GM A-POWER-AP9561GM Datasheet
222Kb / 5P
Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9565AGJ A-POWER-AP9565AGJ Datasheet
102Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575AGI-HF A-POWER-AP9575AGI-HF Datasheet
100Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GM A-POWER-AP9575GM Datasheet
71Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GP-HF A-POWER-AP9575GP-HF Datasheet
103Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP9575GS-HF A-POWER-AP9575GS-HF Datasheet
103Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
AP2310GK-HF A-POWER-AP2310GK-HF Datasheet
60Kb / 4P
Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP2311GK-HF A-POWER-AP2311GK-HF Datasheet
55Kb / 4P
Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP2342GK-HF A-POWER-AP2342GK-HF Datasheet
66Kb / 4P
Simple Drive Requirement, Lower Gate Charge, Fast Switching Characteristic
AP9465AGH A-POWER-AP9465AGH Datasheet
103Kb / 4P
Lower Gate Charge, Simple Drive Requirement, Fast Switching Characteristic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com