Electronic Components Datasheet Search
  English  ▼

X  

9576 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9576
Description  PC Keyboard Adaptor Lead
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9576 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9576 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PC Keyboard Adaptor Lead
Available as either short cable or solid adaptor the converter is designed to
change the hard wired keyboard cable from AT to PS2.
•
Connector Type A: Mini 6 Pin DIN Plug
•
Connector Type B: 5 Pin DIN Socket
•
Cable Length: 20cm
Mftrs. List No
Description
Order Code
9576
ADAPTOR, 6PIN DIN PLUG-5PIN DIN SKT
152-5875


Similar Part No. - 9576

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9576 3M-9576 Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
logo
Belden Inc.
9576 BELDEN-9576 Datasheet
141Kb / 2P
Electronic, 6 C #22 Sol TC, PVC Ins, Black PVC Jkt, FPLR
05-05-2023
logo
Keystone Electronics Co...
9576 KEYSTONE-9576 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Belden Inc.
9576-010U1000 BELDEN-9576-010U1000 Datasheet
141Kb / 2P
Electronic, 6 C #22 Sol TC, PVC Ins, Black PVC Jkt, FPLR
05-05-2023
logo
3M Electronics
9576B 3M-9576B Datasheet
344Kb / 3P
Splicing Tapes
Dec-2007
More results

Similar Description - 9576

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CA-PLCC068-P1-S-02 IRONWOOD-CA-PLCC068-P1-S-02 Datasheet
22Kb / 1P
pc. adaptor
logo
Cherry Semiconductor Co...
G83-6105LPQGB-0 CHERRY-G83-6105LPQGB-0 Datasheet
31Kb / 1P
Standard PC Keyboard
logo
Microchip Technology
MEC1322 MICROCHIP-MEC1322 Datasheet
5Mb / 456P
Keyboard and Embedded Controller for Notebook PC
07/14/15
MEC1404 MICROCHIP-MEC1404 Datasheet
6Mb / 572P
Keyboard and Embedded Controller Products for Notebook PC
07/14/15
MEC152X MICROCHIP-MEC152X Datasheet
6Mb / 570P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC170X MICROCHIP-MEC170X Datasheet
6Mb / 662P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC1725 MICROCHIP-MEC1725 Datasheet
5Mb / 721P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC172X MICROCHIP-MEC172X Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
02/28/20
MEC152X MICROCHIP-MEC152X_V01 Datasheet
6Mb / 576P
Keyboard and Embedded Controller for Notebook PC
09/14/21
MEC172X MICROCHIP-MEC172X_V01 Datasheet
6Mb / 786P
Keyboard and Embedded Controller for Notebook PC
DS00003583G (04-26-22)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com