Electronic Components Datasheet Search
  English  ▼

X  

MPC953 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPC953
Description  LOW VOLTAGE PLL CLOCK DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC953 Datasheet(HTML) 1 Page - Motorola, Inc

  MPC953 Datasheet HTML 1Page - Motorola, Inc MPC953 Datasheet HTML 2Page - Motorola, Inc MPC953 Datasheet HTML 3Page - Motorola, Inc MPC953 Datasheet HTML 4Page - Motorola, Inc MPC953 Datasheet HTML 5Page - Motorola, Inc MPC953 Datasheet HTML 6Page - Motorola, Inc MPC953 Datasheet HTML 7Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
1
REV 0.1
© Motorola, Inc. 1997
9/97
Product Preview
Low Voltage PLL Clock Driver
The MPC953 is a 3.3V compatible, PLL based clock driver device
targeted for high performance clock tree designs. With output frequencies
of up to 87.5MHz and output skews of 150ps the MPC953 is ideal for the
most demanding clock tree designs. The devices employ a fully
differential PLL design to minimize cycle–to–cycle and phase jitter.
• Fully Integrated PLL
• Output Frequency up to 87.5MHz
• Outputs Disable in High Impedance
• TQFP Packaging
• 100ps Cycle–to–Cycle Jitter
The MPC953 has a differential LVPECL reference input along with an
external feedback input. These features make the MPC953 ideal for use
as a zero delay, low skew fanout buffer. The device performance has
been tuned and optimized for zero delay performance. The MR/OE input
pin will reset the internal counters and tristate the output buffers when
driven “high”.
If the reference clock (PECL_CLK) is lost or shut down when the
MPC953 is in phase–lock, the output frquency will slew slowly downward.
The final VCO frequency will be around TBDMHz.
The MPC953 is fully 3.3V compatible and requires no external loop
filter components. All control inputs accept LVCMOS or LVTTL
compatible levels while the outputs provide LVCMOS levels with the
ability to drive terminated 50
Ω transmission lines. For series terminated
50
Ω lines, each of the MPC953 outputs can drive two traces giving the
device an effective fanout of 1:18. The device is packaged in a 7x7mm
32–lead TQFP package to provide the optimum combination of board
density and performance.
Figure 1. Logic Diagram
PECL_CLK
PECL_CLK
FB_CLK
Phase
Detector
LPF
VCO
200–350MHz
÷4
VCO_SEL
BYPASS
QFB
Q0:6
Q7
7
÷2
MR/OE
This document contains information on a product under development. Motorola reserves the right to change or
discontinue this product without notice.
MPC953
LOW VOLTAGE
PLL CLOCK DRIVER
FA SUFFIX
32–LEAD TQFP PACKAGE
CASE 873A–02


Similar Part No. - MPC953

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC950 MOTOROLA-MPC950 Datasheet
162Kb / 13P
LOW VOLTAGE PLL CLOCK DRIVER
MPC951 MOTOROLA-MPC951 Datasheet
162Kb / 13P
LOW VOLTAGE PLL CLOCK DRIVER
MPC952 MOTOROLA-MPC952 Datasheet
106Kb / 7P
LOW VOLTAGE PLL CLOCK DRIVER
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
More results

Similar Description - MPC953

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC930 MOTOROLA-MPC930 Datasheet
162Kb / 14P
LOW VOLTAGE PLL CLOCK DRIVER
MPC932 MOTOROLA-MPC932 Datasheet
114Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
MPC974 MOTOROLA-MPC974 Datasheet
143Kb / 9P
LOW VOLTAGE PLL CLOCK DRIVER
MPC992 MOTOROLA-MPC992 Datasheet
109Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2972 PERICOM-PI6C2972 Datasheet
184Kb / 7P
Low Voltage PLL Clock Driver
logo
Motorola, Inc
MPC958 MOTOROLA-MPC958 Datasheet
253Kb / 8P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Integrated Device Techn...
IDT5V9351 IDT-IDT5V9351 Datasheet
85Kb / 10P
LOW VOLTAGE PLL CLOCK DRIVER
logo
Agere Systems
LCK4310 AGERE-LCK4310 Datasheet
126Kb / 10P
Low-Voltage PLL Clock Driver
April 20, 2004
logo
Pericom Semiconductor C...
PI6C2952 PERICOM-PI6C2952 Datasheet
72Kb / 6P
Low Voltage PLL Clock Driver
logo
Renesas Technology Corp
MPC9350 RENESAS-MPC9350 Datasheet
478Kb / 13P
Low Voltage PLL Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com