Electronic Components Datasheet Search
  English  ▼

X  

LR256 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR256
Description  Fast 1.2MHz Switching Frequency Requires Only 0.22uF Output Capacitor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR256 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR256 Datasheet HTML 1Page - Leshan Radio Company LR256 Datasheet HTML 2Page - Leshan Radio Company LR256 Datasheet HTML 3Page - Leshan Radio Company LR256 Datasheet HTML 4Page - Leshan Radio Company LR256 Datasheet HTML 5Page - Leshan Radio Company LR256 Datasheet HTML 6Page - Leshan Radio Company LR256 Datasheet HTML 7Page - Leshan Radio Company LR256 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LR256 White LED Step-Up Converter
Fast 1.2MHz Switching Frequency
Requires Only 0.22uF Output Capacitor
Inherently Matched LED Current
High Efficiency: 85% Typical
2.5V to 10V VIN ranges
Drives Up to Four series LEDs with a Li-lon cell
Uses Very Tiny Inductors
SOT-25 Package
LR256
is
a
step-up
DC/DC
converter
specifically designed to drive white LED with a
constant current. It can drive two,three,or four
LEDS. It switches at 1.2MHz and use tiny
external components. The output capacitor can
be as small as 0.22uF,which can save space
and cost versus alternative solutions. Feedback
voltage is as low as 95mV.
Absolute maximum ratings
Parameter
symbol
value
unit
Supply Voltage
VIN
10
V
Feedback Voltage
FB
10
V
Switch Voltage
SW
20
V
CE Voltage
VCE
10
V
Operating temperature range
Topr
-25 to +70
℃
Storage temperature range
Rstg
-55 to +150
℃
Junction temperature
Tj
125
℃
Pin name
Description
Symbol
Description
Symbol
1:Switch
SW
5:Supply
Voltage
VIN
2:GND
GND
3:Feedback
FB
4:Start-Up
CE
5
1
2
3
4
1/8
LESHAN RADIO COMPANY, LTD.


Similar Part No. - LR256

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LR25600-1 LITTELFUSE-LR25600-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LR25600-3 LITTELFUSE-LR25600-3 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
More results

Similar Description - LR256

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR246 LRC-LR246 Datasheet
216Kb / 8P
OverVoltage Function Fast 1.2MHz Switching Frequency High Efficiency: 85% Typical
logo
Vincotech
FZ06BIA070FS VINCOTECH-FZ06BIA070FS Datasheet
712Kb / 8P
Ultra fast switching frequency
FZ06BIA083FI VINCOTECH-FZ06BIA083FI Datasheet
3Mb / 25P
Ultra fast switching frequency
V23990-P629-L81-PM VINCOTECH-V23990-P629-L81-PM Datasheet
1Mb / 17P
Ultra fast switching frequency
logo
Maxim Integrated Produc...
MAX17103EVKIT MAXIM-MAX17103EVKIT Datasheet
235Kb / 9P
1.2MHz Step-Up Switching Frequency
Rev 0; 4/09
MAX17100EVKIT MAXIM-MAX17100EVKIT Datasheet
519Kb / 13P
1.2MHz Step-Up Switching Frequency
Rev 0; 7/09
MAX17075EVKIT MAXIM-MAX17075EVKIT Datasheet
168Kb / 7P
1.2MHz Switching Frequency
Rev 0; 12/08
MAX17065EVKIT MAXIM-MAX17065EVKIT Datasheet
410Kb / 10P
1.2MHz PWM Switching Frequency (Selectable 600kHz, Component Change Required)
Rev 0; 10/08
MAX17062EVKIT MAXIM-MAX17062EVKIT Datasheet
131Kb / 7P
1.2MHz Switching Frequency (Selectable: 640kHz or 1.2MHz)
Rev 1; 6/08
MAX17014EVKIT MAXIM-MAX17014EVKIT Datasheet
212Kb / 11P
1.2MHz Switching Frequency (600kHz Selectable)
Rev 0; 12/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com