Electronic Components Datasheet Search
  English  ▼

X  

LR324 Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LR324
Description  Internally Frequency Compensated Large Voltage Gain
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR324 Datasheet(HTML) 4 Page - Leshan Radio Company

  LR324 Datasheet HTML 1Page - Leshan Radio Company LR324 Datasheet HTML 2Page - Leshan Radio Company LR324 Datasheet HTML 3Page - Leshan Radio Company LR324 Datasheet HTML 4Page - Leshan Radio Company LR324 Datasheet HTML 5Page - Leshan Radio Company LR324 Datasheet HTML 6Page - Leshan Radio Company LR324 Datasheet HTML 7Page - Leshan Radio Company LR324 Datasheet HTML 8Page - Leshan Radio Company LR324 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VO: 1.4V, RS: 0 ,VCC: from 5V to 15V
2
7
mV
Input Bias Current
IBIAS
IIN+ or IIN-, VCM=0V
45
2
50nA
Input Offset Current
IIO
IIN+ or IIN-, VCM=0V
5
50
nA
Input Common
Mode Voltage Range
VIR
VCC=15V
0
VCC-1.5
V
Supply Current
ICC
RL=
Over full tem-
perature range on all
OP Amps
0.6
2
mA
VCC=30V
1.5
3
Large Signal
Voltage Gain
GV
VCC=15V, RL
VO=1V to 11V
25
100
dB
Common Mode
Rejection Ratio
CMRR
DC, VCC=15V, VCM=0V to (VCC-1.5)V
65
8
0
dB
Power Supply
Rejection Ratio
PSRR
VCC=5V to 15V
65
100
dB
Channel Separation
(Note 6)
CS
f=1KHz to 20KHz (Input Referred)
120
dB
Output
Current
Source
ISOURCE V+=1V, V- =0V, VCC=15V, VO=2V
20
4
0
mA
Sink
ISINK
CC=+5V, GND=0V, TA=25
oC unless otherwise specified.
Electrical Characteristics
LESHAN RADIO COMPANY, LTD.
4/10
V- =1V, V+=0V, VCC=15V, VO=2V
10
20
mA
LR324



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com