Electronic Components Datasheet Search
  English  ▼

X  

LR1117AT Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR1117AT
Description  1A Adjustable/Fixed Low Dropout Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR1117AT Datasheet(HTML) 2 Page - Leshan Radio Company

  LR1117AT Datasheet HTML 1Page - Leshan Radio Company LR1117AT Datasheet HTML 2Page - Leshan Radio Company LR1117AT Datasheet HTML 3Page - Leshan Radio Company LR1117AT Datasheet HTML 4Page - Leshan Radio Company LR1117AT Datasheet HTML 5Page - Leshan Radio Company LR1117AT Datasheet HTML 6Page - Leshan Radio Company LR1117AT Datasheet HTML 7Page - Leshan Radio Company LR1117AT Datasheet HTML 8Page - Leshan Radio Company LR1117AT Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
Θ
JA can vary from
30°C/W to more than 50°C/W. Other mounting techniques may provide better thermal resistance than 30°C/W.
Absolute Maximum Ratings
Figure 1. Absolute Maximum Safe Operating Area
Parameter
Min.
Max.
Unit
VIN
18
V
(VIN – VOUT) * IOUT
See Figure 1
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
Front View
Front View
4-Lead Plastic SOT-223
Θ
JC = 15°C/W*
3-Lead Plastic TO-252
Θ
JC = 3°C/W*
3-Lead Plastic TO-220
Θ
JC = 3°C/W*
Tab is
VOUT
Tab is VOUT
Front View
Tab is VOUT
1
ADJ/
GND
OUT
IN
23
3
2
1
IN
OUT
ADJ/GND
ADJ/
GND
OUT IN
12
3
1.2
1.0
0.8
0.6
0.4
0.2
0
06
8
10
12
14
16
18
20
4
2
VIN – VOUT (V)
2/9
LESHAN RADIO COMPANY, LTD.
LR1117A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com