Electronic Components Datasheet Search
  English  ▼

X  

LR4558 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR4558
Description  Internal Frequency Compensation High Input Resistance with 5MTypical
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR4558 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR4558 Datasheet HTML 1Page - Leshan Radio Company LR4558 Datasheet HTML 2Page - Leshan Radio Company LR4558 Datasheet HTML 3Page - Leshan Radio Company LR4558 Datasheet HTML 4Page - Leshan Radio Company LR4558 Datasheet HTML 5Page - Leshan Radio Company LR4558 Datasheet HTML 6Page - Leshan Radio Company LR4558 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Functional Block Diagram
Representative Schematic Diagram of
LR4558 (Each amplifier)
- Input
+ Input
3.1 K
7.1
K
7.1
K
87
pF
480
4.2 K
36 K
10pF
V
EE
Output
V
CC
LESHAN RADIO COMPANY, LTD.
Parameter
Symbol
Value
Unit
Power Supply Voltage
VCC
+ 22
V
VEE
- 22
Differential Input Voltage
VID
± 18
V
Input Voltage
VIC
± 15
V
Absolute Maximum Ratings
Operating Temperature Range
TOP
-40 to 85
oC
Storage Temperature Range
TSTG
-65 to 150
oC
2/7
LR4558



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com