Electronic Components Datasheet Search
  English  ▼

X  

LR5810 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR5810
Description  he LR5810 series switcher ICs cost effectively replace all power supplies up to 5W
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR5810 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR5810 Datasheet HTML 1Page - Leshan Radio Company LR5810 Datasheet HTML 2Page - Leshan Radio Company LR5810 Datasheet HTML 3Page - Leshan Radio Company LR5810 Datasheet HTML 4Page - Leshan Radio Company LR5810 Datasheet HTML 5Page - Leshan Radio Company LR5810 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
SOT23-6 Application Circuit
SOP-8 Application Circuit
L
4
1
BR 1
1mH
15R
221_1KV
1
N
10R
1. 8M
200K
1nF _1KV
F R107
6
SB330
2
4. 7uF _6. 3V 270R
+5V_1A
1. 8M
3
5
4
I N4148
7. 5M
1
6
N C
VD D
2
GN D
Vout
5
2
3
4
Sens e
N C
1. 5K
1uF
2R 2
2R 2
L
D2
4
1
L2
1mH
15R
221_1KV
1
BR 1
N
10R
6
2
FR107
+5V_1A
3
5
4
I N4148
1
VDD
2
NC
3
Sense
4
OE
GND
8
7
GND
OC
6
5
OC
1.5K
+
AC 85V~264V
+
+
AC 85V~264V
+
+
+
Application Circuit
LR5810
LR 5810
LR5810
-
+
+
+
+
-
+
+
+
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com