Electronic Components Datasheet Search
  English  ▼

X  

LR5920 Datasheet(PDF) 11 Page - Leshan Radio Company

Part # LR5920
Description  High Performance Current Mode PWM Switching Power Supply Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR5920 Datasheet(HTML) 11 Page - Leshan Radio Company

Back Button LR5920 Datasheet HTML 4Page - Leshan Radio Company LR5920 Datasheet HTML 5Page - Leshan Radio Company LR5920 Datasheet HTML 6Page - Leshan Radio Company LR5920 Datasheet HTML 7Page - Leshan Radio Company LR5920 Datasheet HTML 8Page - Leshan Radio Company LR5920 Datasheet HTML 9Page - Leshan Radio Company LR5920 Datasheet HTML 10Page - Leshan Radio Company LR5920 Datasheet HTML 11Page - Leshan Radio Company LR5920 Datasheet HTML 12Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
VOB and VIS
Vin=85V,Vout=12V,Iout=1A
CH2:VOB ; CH4:VIS
Vin=220V,Vout=12V,Iout=1A
CH2:VOB; CH4:VIS
Temperature:
Vin=110V,Vout=12V,Iout=1A
CH2:VOB; CH4:VIS
Vin=265V,Vout=12V,Iout=1A
CH2:VOB; CH4:VIS
LR5 92 0
9 5
9 0
8 5
8 0
7 5
7 0
6 5
6 0
5 5
5 0
4 5
4 0
3 5
3 0
8 5 V
1 10 V
220V
265V
0 .00
0 .20
0 .40
0 .60
0 .80
1 .00
1 .20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com