Electronic Components Datasheet Search
  English  ▼

X  

LR6155 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR6155
Description  150mA DUAL OUTPUT CMOS LOW NOISE LOW-DROPOUT VOLTAGE REGULATOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR6155 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR6155 Datasheet HTML 1Page - Leshan Radio Company LR6155 Datasheet HTML 2Page - Leshan Radio Company LR6155 Datasheet HTML 3Page - Leshan Radio Company LR6155 Datasheet HTML 4Page - Leshan Radio Company LR6155 Datasheet HTML 5Page - Leshan Radio Company LR6155 Datasheet HTML 6Page - Leshan Radio Company LR6155 Datasheet HTML 7Page - Leshan Radio Company LR6155 Datasheet HTML 8Page - Leshan Radio Company LR6155 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Description
Top View
Pin #
Type C
Type D
Symbol
Function
1
6
VOUT1
Output1 Pin
2
2
VIN
Input Pin
3
4
VOUT2
Output2 Pin
4
3
CE2
Chip Enable Pin2
5
5
GND
Ground Pin
6
1
CE1
Chip Enable Pin1
Output Voltage Portfolio
Output Voltage
Part Number
Output Voltage
Part Number
Code
V1
V2
Type C
Type D
Code
V1
V2
Type C
Type D
B
1.5
C
1.5
D
1.5
E
1.5
G
1.8
H
1.8
I
1.8
J
1.8
A
1.5
2.5 LR6155E6-AC
LR6155E6-AD
LR6155E6-BD
N
2.8
3.0 LR6155E6-CC
LR6155E6-CD
O
2.8
2.8 LR6155E6-BC
3.3 LR6155E6-DC
2.8
LR6155E6-DD
P
4.0 LR6155E6-EC LR6155E6-ED
Q
F
1.8
1.8 LR6155E6-FC
LR6155E6-FD
R
3.0
3.0
LR6155E6-RC
LR6155E6-RD
2.5
LR6155E6-GC
3.
LR6155E6-GD
S
2.8
LR6155E6-HC LR6155E6-HD
T
3.3
1.8
LR6155E6-TC
LR6155E6-TD
3.0
LR6155E6-IC
LR6155E6-ID
U
3.3
2.5
LR6155E6-UC
LR6155E6-UD
3.3
LR6155E6-JC
LR6155E6-JD
V
K
2.5
1.8 LR6155E6-KC
LR6155E6-KD
L
2.5
2.5 LR6155E6-LC
LR6155E6-LD
M
2.8
1.8
LR6155E6-MC
LR6155E6-MD
2.5
LR6155E6-NC
LR6155E6-ND
2.8
LR6155E6-OC
LR6155E6-OD
3.0
LR6155E6-PC
LR6155E6-PD
3.0
2.5
LR6155E6-QC
LR6155E6-QD
0
3.3
LR6155E6-SC
LR6155E6-SD
3.3
2.8
LR6155E6-VC
LR6155E6-VD
W
3.3
3.3
LR6155E6-WC
LR6155E6-WD
X
2.8
1.5
LR6155E6-XC
;LR6155E6-XD
LESHAN RADIO COMPANY, LTD.
12
3
4
5
6
6
CE2
VIN
VOUT1
GND
CE1
VOUT2
LR6155E6-XC
12
3
4
5
6
6
CE2
VIN
VOUT1 GND
CE1
VOUT2
LR6155E6-XD
2/9
Ver 2.0 Apr 2010
Ordering Information
Package Type
Part Number
TSOP-6
E6
LR6155E6-XZ
Note
X: Output Portfolio
See output voltage portfolio
Z: Pin Type, C or D



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com