Electronic Components Datasheet Search
  English  ▼

X  

LR8301 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LR8301
Description  SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8301 Datasheet(HTML) 1 Page - Leshan Radio Company

  LR8301 Datasheet HTML 1Page - Leshan Radio Company LR8301 Datasheet HTML 2Page - Leshan Radio Company LR8301 Datasheet HTML 3Page - Leshan Radio Company LR8301 Datasheet HTML 4Page - Leshan Radio Company LR8301 Datasheet HTML 5Page - Leshan Radio Company LR8301 Datasheet HTML 6Page - Leshan Radio Company LR8301 Datasheet HTML 7Page - Leshan Radio Company LR8301 Datasheet HTML 8Page - Leshan Radio Company LR8301 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SMALL PACKAGE PFM CONTROL
STEP-UP DC/DC CONVERTER
LR8301 Series
Introduction
The LR8301 Series is a CMOS PFM-control
step-up switching DC/DC converter that
mainly consists of a reference voltage
source, an oscillator, and a comparator. The
PFM controller allows the duty ratio to be
automatically switched according to the load
(light load: 50%, high output current: 75%),
enabling products with a low ripple over a
wide range, high efficiency, and high output
current. With the LR8301 Series, a step-up
switching
DC/DC
converter
can
be
configured by using an external coil,
capacitor, and diode. The built-in MOS FET is
turned off by a protection circuit when the
voltage at the LX pin exceeds the limit to
prevent it from being damaged. This feature,
along with the mini package and low current
consumption, makes the LR8301 Series
ideal for applications such as the power
supply unit of portable equipment.
Applications
• Power supply for portable equipment such
as digital cameras, electronic notebooks, and
PDAs
• Power supply for audio equipment such as
portable CD/MD players
• Constant voltage power supply for cameras,
video equipment, and communications
equipment
• Power supply for microcomputers
Features
• Low voltage operation: Startup at 0.9 V
min. (IOUT = 1 mA) guaranteed
• Duty ratio: 66/78%, builtin auto switching
type PFM controller
• External parts: Coil, capacitor, diode
• Output voltage: Settable to between 1.8
to 6.5 V in 0.1 V steps
• Accuracy of ±2%
• High efficiency:±85%(typ.)
• Standard function (product type A)
• Shutdown function (product type C、D)
• External transistor type available
(product type B、D)
Ordering Information
LESHAN RADIO COMPANY, LTD.
1/9


Similar Part No. - LR8301

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
300KHz PFM Control Step-Up DC/DC Converter
LR8304 LRC-LR8304 Datasheet
582Kb / 13P
Low Power DC-DC Step-Up Converter
More results

Similar Description - LR8301

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6702 NPC-SM6702 Datasheet
116Kb / 10P
PFM Step-up DC/DC Converter
logo
List of Unclassifed Man...
CR-F33T ETC1-CR-F33T Datasheet
122Kb / 11P
PFM STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77XX HOLTEK-HT77XX Datasheet
131Kb / 15P
PFM Step-up DC/DC Converter
March 7, 2006
HT77XXA HOLTEK-HT77XXA Datasheet
370Kb / 18P
PFM Step-up DC/DC Converter
September 26, 2007
logo
List of Unclassifed Man...
RCR2562 ETC2-RCR2562 Datasheet
171Kb / 7P
PFM Step-up DC/DC Converter
logo
Advanced Power Electron...
APE1910 A-POWER-APE1910 Datasheet
153Kb / 5P
STEP-UP PFM DC/DC CONVERTER
logo
ELM Technology Corporat...
ELM93-SERIES ELM-TECH-ELM93-SERIES Datasheet
1Mb / 8P
PFM step-up DC/DC converter
logo
Leshan Radio Company
LR8303 LRC-LR8303 Datasheet
398Kb / 11P
300KHz PFM Control Step-Up DC/DC Converter
logo
List of Unclassifed Man...
CE8301 ETC1-CE8301 Datasheet
441Kb / 11P
SMALL PACKAGE PFM CONTROL STEP-UP DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE701CA ACE-ACE701CA Datasheet
806Kb / 13P
Small Package PFM Control Step-Up DC/DC Converter
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com