Electronic Components Datasheet Search
  English  ▼

X  

LR8555 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LR8555
Description  Low noise 150mA LDO regulator Standby Mode : 0.1
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LR8555 Datasheet(HTML) 2 Page - Leshan Radio Company

  LR8555 Datasheet HTML 1Page - Leshan Radio Company LR8555 Datasheet HTML 2Page - Leshan Radio Company LR8555 Datasheet HTML 3Page - Leshan Radio Company LR8555 Datasheet HTML 4Page - Leshan Radio Company LR8555 Datasheet HTML 5Page - Leshan Radio Company LR8555 Datasheet HTML 6Page - Leshan Radio Company LR8555 Datasheet HTML 7Page - Leshan Radio Company LR8555 Datasheet HTML 8Page - Leshan Radio Company LR8555 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Delcription
Pin Number
Symbol
Function
SC-70-5
SOT-23-5A
SOT-23-5B
Product Clallification
Output
Voltage
Pagkage
Type
Produgt
Name
Pagkage
Type
Produgt
Name
Pagkage
Type
Produgt
Name
1.2V
SOT-23-5A
LR8555-1 2PRA
SOT-23-5B
LR8555-12PRB
SC-70-5
LR8555-1 2PQ
1.5V
SOT-23-5A
LR8555-15 PRA
SOT-23-5B
LR8555-15 PRB
SC-70-5
LR8555-15 PQ
1.8V
SOT-23-5A
LR8555-18 PRA
SOT-23-5B
LR8555-18 PRB
SC-70-5
LR8555-18 PQ
2.1V
SOT-23-5A
LR8555-21 PRA
SOT-23-5B
LR8555-21 PRB
SC-70-5
LR8555-21 PQ
2.5V
SOT-23-5A
LR8555-25PRA
SOT-23-5B
LR8555-25PRB
SC-70-5
LR8555-25PQ
2.8V
SOT-23-5A
LR8555-28PRA
SOT-23-5B
LR8555-28PRB
SC-70-5
LR8555-28PQ
3.0V
SOT-23-5A
LR8555-30PRA
SOT-23-5B
LR8555-30PRB
SC-70-5
LR8555-30PQ
3.2V
SOT-23-5A
LR8555-32PRA
SOT-23-5B
LR8555-32PRB
SC-70-5
LR8555-32PQ
3.3V
SOT-23-5A
LR8555-33PRA
SOT-23-5B
LR8555-33PRB
SC-70-5
LR8555-33PQ
3.5V
SOT-23-5A
LR8555-35PRA
SOT-23-5B
LR8555-35PRB
SC-70-5
LR8555-35PQ
5.0V
SOT-23-5A
LR8555-50PRA
SOT-23-5B
LR8555-50PRB
SC-70-5
LR8555-50PQ
Selection Guide
LR8555 XX X X
Pin Allignment
LR8555
LR8555
LR8555
LESHAN RADIO COMPANY, LTD.
LESHAN RADIO COMPANY, LTD.
2/9
12
3
54
SC70-5
12
3
54
SOT23-5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com