Electronic Components Datasheet Search
  English  ▼

X  

PSD2512 Datasheet(PDF) 3 Page - Leshan Radio Company

Part # PSD2512
Description  High Current Glass Passivated Molding Three -Phase Bridge Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

PSD2512 Datasheet(HTML) 3 Page - Leshan Radio Company

  PSD2512 Datasheet HTML 1Page - Leshan Radio Company PSD2512 Datasheet HTML 2Page - Leshan Radio Company PSD2512 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
4
PSD2508 Thru PSD2516
3.
Marking Identification
Note:
生产日期码包含4位数字,例如
“1108”,前两个数字“11” 表示为2011年,另外二个数字
“08” 是指第8周,即表示该产品为2011年第8周生产。
型号: PSD 25 16
bridge reverse voltage=1600V
average rectified forward Current=25A
mean:PSD series bridge
4. Dimension



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com