Electronic Components Datasheet Search
  English  ▼

X  

R3000 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # R3000
Description  High Voltage General Purpose Plastic Rectifiers Low leakage
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

R3000 Datasheet(HTML) 1 Page - Leshan Radio Company

  R3000 Datasheet HTML 1Page - Leshan Radio Company R3000 Datasheet HTML 2Page - Leshan Radio Company R3000 Datasheet HTML 3Page - Leshan Radio Company R3000 Datasheet HTML 4Page - Leshan Radio Company R3000 Datasheet HTML 5Page - Leshan Radio Company R3000 Datasheet HTML 6Page - Leshan Radio Company R3000 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low leakage
* Low forward voltage drop
* High current capability
* Easily cleaned with Freon,Alcohol,Lsopropanol
and similar solvents
* Deffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* High temperature soldering guaranteed:
260°C/10 seconds
Mechanical Data
Case: JEDEC DO-15, molded plastic body
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
We declare that the material of product
Mounting Position: Any
compliance with ROHS requirements
Weight: 0.015oz., 0.40g
Handling precautin:None
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
R
2500
R
3000
R
4000
R
5000
Unit
device marking code
R2500
R3000
R4000
R5000
Maximum repetitive peak reverse voltage
VRRM
2500
3000
4000
5000
V
Maximum RMS voltage
VRMS
1750
2100
2800
3500
V
Maximum DC blocking voltage
VDC
2500
3000
4000
5000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 50°C
IF(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
°C/W
Operating junction and storage temperature range
TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
R2500
R
3000
R
4000
R
5000
Unit
Maximum instantaneous forward voltage at IF(AV)
VF
3.0
4.0
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
R2500 thru R5000
High Voltage General Purpose Plastic Rectifiers
Reverse Voltage 2500 to 5000V Forward Current 0.2A
35
–50 to +150
0.2
5.0
5.0
100
15
15
25


Similar Part No. - R3000

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R3000 RECTRON-R3000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Dc Components
R3000 DCCOM-R3000 Datasheet
330Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE SILICON RECTIFIER
logo
Diodes Incorporated
R3000 DIODES-R3000 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
MIC GROUP RECTIFIERS
R3000 MIC-R3000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shanghai Lunsure Electr...
R3000 CHENYI-R3000 Datasheet
48Kb / 2P
200Milliamp high voltage silicon rectifier 2500to3000 volts
More results

Similar Description - R3000

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
10A05 SEMTECH_ELEC-10A05 Datasheet
81Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
2A01 SEMTECH_ELEC-2A01 Datasheet
242Kb / 2P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL201 SEMTECH_ELEC-RL201 Datasheet
208Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
RL251 SEMTECH_ELEC-RL251 Datasheet
209Kb / 1P
GENERAL PURPOSE PLASTIC RECTIFIERS
logo
GOOD-ARK Electronics
P300A GOOD-ARK-P300A Datasheet
191Kb / 2P
General Purpose Plastic Rectifiers
logo
Leshan Radio Company
R2000 LRC-R2000_15 Datasheet
427Kb / 7P
High Voltage General Purpose Plastic Rectifiers
R4000 LRC-R4000_15 Datasheet
207Kb / 7P
High Voltage General Purpose Plastic Rectifiers
R5000 LRC-R5000_15 Datasheet
534Kb / 7P
High Voltage General Purpose Plastic Rectifiers
logo
Rectron Semiconductor
FM3000 RECTRON-FM3000 Datasheet
217Kb / 7P
GENERAL-PURPOSE PLASTIC RECTIFIERS
logo
Shanghai Leiditech Elec...
RL201 LEIDITECH-RL201 Datasheet
530Kb / 2P
General-purpose Plastic Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com