Electronic Components Datasheet Search
  English  ▼

X  

AD790JRZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD790JRZ
Description  Fast, Precision Comparator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD790JRZ Datasheet(HTML) 4 Page - Analog Devices

  AD790JRZ Datasheet HTML 1Page - Analog Devices AD790JRZ Datasheet HTML 2Page - Analog Devices AD790JRZ Datasheet HTML 3Page - Analog Devices AD790JRZ Datasheet HTML 4Page - Analog Devices AD790JRZ Datasheet HTML 5Page - Analog Devices AD790JRZ Datasheet HTML 6Page - Analog Devices AD790JRZ Datasheet HTML 7Page - Analog Devices AD790JRZ Datasheet HTML 8Page - Analog Devices AD790JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD790
REV. D
–4–
ABSOLUTE MAXIMUM RATINGS
1, 2
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Internal Power Dissipation
2
. . . . . . . . . . . . . . . . . . . 500 mW
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . .
±16.5 V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . Indefinite
Storage Temperature Range
(N, R) . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
(Q) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 sec) . . . . . . . . 300
°C
Logic Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause perma-
nent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2Thermal characteristics: plastic N-8 package:
θ
JA = 90
°C/watt; ceramic Q-8
package:
θ
JA = 110
°C/watt, θ
JC = 30
°C/watt. SOIC (R-8) package: θ
JA = 160
°C
watt;
θ
JC = 42
°C/watt.
AD790
0.1µF
0.1µF
0.1µF
15V
+
+IN
–IN
5V
+
510
OUTPUT
15V
–
LATCH
(OPTIONAL)
8
1
5
7
6
4
3
2
Ω
Figure 1. Basic Dual Supply
Configuration (N, Q Package Pinout)
AD790
1
2
3
4
5
6
7
8
+5V
+15V
–15V
TEK
7904
SCOPE
–5V
VOLTAGE
SOURCE
10
Ω
–5mV
0.1µF
–100mV
–1.3V
–1.7V
–5V
HP8112
PULSE
GENERATOR
1k
HP2835
MPS
571
0.1µF
0.1µF
0.1µF
10k
Ω
650
Ω
400
Ω
50
Ω
25
Ω
130
Ω
Figure 3. Response Time Test Circuit (N, Q Package Pinout)
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description Option
AD790JN
0
°C to 70°C
Plastic DIP
N-8
AD790JR
0
°C to 70°C
SOIC
SO-8
AD790JR-REEL
0
°C to 70°C
Reel
AD790JR-REEL7 0
°C to 70°C
SOIC
R-8
AD790KN*
0
°C to 70°C
Plastic DIP
N-8
AD790AQ
–40
°C to +85°C
Cerdip
Q-8
AD790BQ*
–40
°C to +85°C
Cerdip
Q-8
AD790SQ
–55
°C to +125°C Cerdip
Q-8
*Not for new designs; obsolete April 2002.
For military processed devices, please refer to the standard Mi-
crocircuit Drawing (SMD) available at
www.dscc.dla.mil/programs/milspec/default.asp
SMD Part Number
ADI Equivalent
5962-9150501MPA*
AD790 SQ/883
*Not for new designs; obsolete April 2002.
AD790
1
2
3
4
5
6
7
8
0.1µF
+IN
–IN
5V
+
OUTPUT
LATCH
(OPTIONAL)
510
Ω
Figure 2. Basic Single Supply
Configuration (N, Q Package Pinout)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com