Electronic Components Datasheet Search
  English  ▼

X  

AD817ARZ Datasheet(PDF) 12 Page - Analog Devices

Part # AD817ARZ
Description  High Speed, Low Power Wide Supply Range Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD817ARZ Datasheet(HTML) 12 Page - Analog Devices

Back Button AD817ARZ Datasheet HTML 4Page - Analog Devices AD817ARZ Datasheet HTML 5Page - Analog Devices AD817ARZ Datasheet HTML 6Page - Analog Devices AD817ARZ Datasheet HTML 7Page - Analog Devices AD817ARZ Datasheet HTML 8Page - Analog Devices AD817ARZ Datasheet HTML 9Page - Analog Devices AD817ARZ Datasheet HTML 10Page - Analog Devices AD817ARZ Datasheet HTML 11Page - Analog Devices AD817ARZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
REV. B
–12–
AD817
HIGH SPEED DAC BUFFER
The wide bandwidth and fast settling time of the AD817 make
it a very good output buffer for high speed current output D/A
converters like the AD668. As shown in Figure 38, the op amp
establishes a summing node at ground for the DAC output. The
output voltage is determined by the amplifier’s feedback resistor
(10.24 V for a 1 k
Ω resistor). Note that since the DAC gener-
ates a positive current to ground, the voltage at the amplifier
output will be negative. A 100
Ω series resistor between the
noninverting amplifier input and ground minimizes the offset
effects of op amp input bias currents.
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
AD668
+15V
10
µF
TO ANALOG
GROUND PLANE
0.1
µF
1V NOMINAL
REFERENCE INPUT
10k
Ω
1k
Ω
100
Ω
AD817
ANALOG GROUND PLANE
ANALOG
OUTPUT
ANALOG
SUPPLY
GROUND
0.1
µF
10
µF
–15V
+5V
1k
Ω
100pF
DIGITAL
INPUTS
MSB
LSB
V
REFCOM
REFIN1
REFIN2
R
ACOM
LCOM
IBPO
V
THCOM
VTH
EE
LOAD
OUT
CC
I
Figure 38. High Speed DAC Buffer
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
8-Pin Plastic Mini-DIP
(N-8)
0.011
±0.003
(0.28
±0.08)
0.30 (7.62)
REF
15
°
0
°
PIN 1
4
5
8
1
0.25
(6.35)
0.31
(7.87)
0.10
(2.54)
BSC
SEATING
PLANE
0.035
±0.01
(0.89
±0.25)
0.18
±0.03
(4.57
±0.76)
0.033
(0.84)
NOM
0.018
±0.003
(0.46
±0.08)
0.125
(3.18)
MIN
0.165
±0.01
(4.19
±0.25)
0.39 (9.91) MAX
8-Pin SOIC
(SO-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
°
0
°
0.0196 (0.50)
0.0099 (0.25)
x 45
°
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.2440 (6.20)
0.2284 (5.80)
4
5
1
8
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
0.0098 (0.25)
0.0040 (0.10)
0.1968 (5.00)
0.1890 (4.80)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com