Electronic Components Datasheet Search
  English  ▼

X  

RL252 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # RL252
Description  General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

RL252 Datasheet(HTML) 1 Page - Leshan Radio Company

  RL252 Datasheet HTML 1Page - Leshan Radio Company RL252 Datasheet HTML 2Page - Leshan Radio Company RL252 Datasheet HTML 3Page - Leshan Radio Company RL252 Datasheet HTML 4Page - Leshan Radio Company RL252 Datasheet HTML 5Page - Leshan Radio Company RL252 Datasheet HTML 6Page - Leshan Radio Company RL252 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High temperature metallurgically
bonded construction
* Deffused junction
* Capable of meeting environmental standards
of MIL-S-19500
* 2.5 A operation at TA=55°C with no thermal runaway
* Typical IR less than 1.0µA
* High temperature soldering guaranteed:
350°C/10 seconds
* 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
2.Mechanical Data
Case
: JEDEC R-3, molded plastic body
Terminals
: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity
: Color band denotes cathode end
Mounting Position
: Any
Weight
: 0.015 oz., 0.40 g
Handling precautin
:None
3.Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
RL
251
RL
252
RL
253
RL
254
RL
255
RL
256
RL
257
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA = 55°C
IF(AV)
A
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Maximum full load reverse current, full cycle
average,0.375"(9.5mm) lead lengths at TA = 55°
C
IR(AV)
µA
Typical thermal resistance (Note 1)
RθJA
°C/W
Operating junction and storage temperature range TJ, TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol
RL
251
RL
252
RL
253
RL
254
RL
255
RL
256
RL
257
Unit
Maximum instantaneous forward voltage at 2.50A
VF
V
Maximum DC reverse current TA = 25°C
at rated DC blocking voltage TA = 100°C
IR
µA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
NOTES:
1. Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
–50 to +150
45
15
1.1
5.0
200
2.5
150
100
RL251 thru RL257
Reverse Voltage 50 to 1000V
Forward Current 2.5A
General Purpose Plastic Rectifiers
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
1/3


Similar Part No. - RL252

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL252 RECTRON-RL252 Datasheet
23Kb / 2P
SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.5 Amperes)
logo
GOOD-ARK Electronics
RL252 GOOD-ARK-RL252 Datasheet
199Kb / 3P
GENERAL PURPOSE PLASTIC RECTIFIER
logo
Leshan Radio Company
RL252 LRC-RL252 Datasheet
50Kb / 2P
2.5A GENERAL DIODES
logo
Micro Commercial Compon...
RL252 MCC-RL252 Datasheet
78Kb / 3P
2.5 Amp Silicon Rectifier 50 to 1000 Volts
logo
First Components Intern...
RL252 FCI-RL252 Datasheet
148Kb / 2P
2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results

Similar Description - RL252

ManufacturerPart #DatasheetDescription
logo
Rugao Dachang Electroni...
FR251 DACHANG-FR251 Datasheet
119Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
FR251G DACHANG-FR251G Datasheet
120Kb / 2P
Plastic Fast Recover Rectifier Reverse Voltage 50 to 1000V Forward Current 2.5A
HER251 DACHANG-HER251 Datasheet
119Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
HER251G DACHANG-HER251G Datasheet
120Kb / 2P
Plastic High-Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
RGP25A DACHANG-RGP25A Datasheet
119Kb / 2P
Plastic Fast Recover Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
logo
Leshan Radio Company
1A7 LRC-1A7_12 Datasheet
189Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
1N4008G LRC-1N4008G Datasheet
186Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
RL151 LRC-RL151_11 Datasheet
304Kb / 11P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.5A
RL201 LRC-RL201_11 Datasheet
162Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.0A
RL251G LRC-RL251G Datasheet
176Kb / 7P
General Purpose Plastic Rectifiers Reverse Voltage 50 to 1000V Forward Current 2.5A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com