Electronic Components Datasheet Search
  English  ▼

X  

AD7680ARMZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD7680ARMZ
Description  3 mW, 100 kSPS, 16-Bit ADC in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7680ARMZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7680ARMZ Datasheet HTML 2Page - Analog Devices AD7680ARMZ Datasheet HTML 3Page - Analog Devices AD7680ARMZ Datasheet HTML 4Page - Analog Devices AD7680ARMZ Datasheet HTML 5Page - Analog Devices AD7680ARMZ Datasheet HTML 6Page - Analog Devices AD7680ARMZ Datasheet HTML 7Page - Analog Devices AD7680ARMZ Datasheet HTML 8Page - Analog Devices AD7680ARMZ Datasheet HTML 9Page - Analog Devices AD7680ARMZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD7680
Rev. A | Page 6 of 24
TIMING SPECIFICATIONS1
Table 4. VDD = 2.5 V to 5.5 V; TA = TMIN to TMAX, unless otherwise noted.
Limit at TMIN, TMAX
Parameter
3 V
5 V
Unit
Description
fSCLK2
250
250
kHz min
2.5
2.5
MHz max
tCONVERT
20 × tSCLK
20 × tSCLK
min
tQUIET
100
100
ns min
Minimum quiet time required between bus relinquish and start of next conversion
t1
10
10
ns min
Minimum CS pulse width
t2
10
10
ns min
CS to SCLK setup time
t33
48
35
ns max
Delay from CS until SDATA three-state disabled
t43
120
80
ns max
Data access time after SCLK falling edge
t5
0.4 tSCLK
0.4 tSCLK
ns min
SCLK low pulse width
t6
0.4 tSCLK
0.4 tSCLK
ns min
SCLK high pulse width
t7
10
10
ns min
SCLK to data valid hold time
t84
45
35
ns max
SCLK falling edge to SDATA high impedance
tPOWER-UP5
1
1
μs typ
Power up time from full power-down
1 Sample tested during initial release to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD) and timed from a voltage level of 1.6 V.
2 Mark/space ratio for the SCLK input is 40/60 to 60/40.
3 Measured with the load circuit of Figure 2 and defined as the time required for the output to cross 0.8 V or 2.0 V.
4 t8 is derived form the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 2. The measured number is then extrapolated
back to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t8, quoted in the timing characteristics is the true bus relinquish
time of the part and is independent of the bus loading.
5 See Power vs. Throughput Rate section.
200
μAI
OL
200
μAI
OH
1.6V
TO OUTPUT
PIN
CL
50pF
Figure 2. Load Circuit for Digital Output Timing Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com