Electronic Components Datasheet Search
  English  ▼

X  

AD7683BRMZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7683BRMZ
Description  16-Bit, 100 kSPS, Single-Ended PulSAR ADC in MSOP/QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7683BRMZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7683BRMZ Datasheet HTML 3Page - Analog Devices AD7683BRMZ Datasheet HTML 4Page - Analog Devices AD7683BRMZ Datasheet HTML 5Page - Analog Devices AD7683BRMZ Datasheet HTML 6Page - Analog Devices AD7683BRMZ Datasheet HTML 7Page - Analog Devices AD7683BRMZ Datasheet HTML 8Page - Analog Devices AD7683BRMZ Datasheet HTML 9Page - Analog Devices AD7683BRMZ Datasheet HTML 10Page - Analog Devices AD7683BRMZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD7683
Rev. A | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
REF 1
+IN 2
VDD
8
DCLOCK
7
–IN 3
GND 4
DOUT
6
CS
AD7683
5
TOP VIEW
(Not to Scale)
Figure 6. 8-Lead MSOP and QFN (LFCSP) Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Function
1
REF
AI
Reference Input Voltage. The REF range is from 0.5 V to VDD. It is referred to the GND pin. Decouple the
REF pin closely to the GND pin with a ceramic capacitor of a few μF.
2
+IN
AI
Analog Input. It is referred to Pin –IN. The voltage range, that is, the difference between +IN and –IN, is 0 V
to VREF.
3
–IN
AI
Analog Input Ground Sense. Connect this pin to either the analog ground plane or a remote sense
ground.
4
GND
P
Power Supply Ground.
5
CS
DI
Chip Select Input. On its falling edge, it initiates the conversions. The part returns to shutdown mode as
soon as the conversion is completed. It also enables DOUT. When high, DOUT is high impedance.
6
DOUT
DO
Serial Data Output. The conversion result is output on this pin. It is synchronized to DCLOCK.
7
DCLOCK
DI
Serial Data Clock Input.
8
VDD
P
Power Supply.
1 AI = analog input; DI = digital input; DO = digital output; and P = power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com