Electronic Components Datasheet Search
  English  ▼

X  

SB202 Datasheet(PDF) 1 Page - Leshan Radio Company

Part # SB202
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB202 Datasheet(HTML) 1 Page - Leshan Radio Company

  SB202 Datasheet HTML 1Page - Leshan Radio Company SB202 Datasheet HTML 2Page - Leshan Radio Company SB202 Datasheet HTML 3Page - Leshan Radio Company SB202 Datasheet HTML 4Page - Leshan Radio Company SB202 Datasheet HTML 5Page - Leshan Radio Company SB202 Datasheet HTML 6Page - Leshan Radio Company SB202 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Feature & Dimensions
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity protection applications
* Guarding for over voltage protection
* High temperature soldering guaranteed:
260
°C/10 seconds at terminals
Mechanical Data
Case: JEDEC DO-41, molded plastic over sky die
Terminals: Plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product compliance
Weight: 0.011 oz., 0.284 g
with ROHS requirements
Handling precautin:None
1.Maximum & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SB202 SB203 SB204 SB205
SB206 SB208 SB209 SB2010
Unit
device marking code
SB202 SB203 SB204 SB205
SB206 SB208 SB209 SB2010
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
80
90
100V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
63
70V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
90
100V
Maximum average forward rectified current
0.375" (9.5mm) lead length (See fig. 1)
IF
(AV)
A
Peak forward surge current 8.3ms single half sine-
wave superimposed on rated load (JEDEC Method)
IFSM
A
thermal resistance, junction to ambientR
θJA
°C/W
thermal resistance, junction to caseR
θJC
°C/W
Operating junction and storage temperature range
TJ,
TSTG
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter Symbol
symbol SB202 SB203 SB204 SB205
SB206 SB208 SB209 SB2010
Unit
Maximum instantaneous forward voltage at 2.0A
VF
V
Maximum DC reverse current TA = 25
°C
at rated DC blocking voltage TA = 125
°C
IR
mA
Typical junction capacitance at 4.0V, 1MHz
CJ
PF
SB202 thru SB2010
Schottky Barrier Rectifiers
Reverse Voltage 20 to 100V Forward Current2.0A
–40 to +150
0.84
0.5
10
170
2.0
60
35
5
0.70
0.50


Similar Part No. - SB202

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
SB202 DEC-SB202 Datasheet
340Kb / 2P
2 AMP SILICON BRIDGE RECTIFIERS
logo
Leshan Radio Company
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB2020 LRC-SB2020 Datasheet
85Kb / 4P
Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 20A
logo
PACELEADER INDUSTRIAL
SB2020 PACELEADER-SB2020 Datasheet
189Kb / 2P
Schottky Barrier Rectifiers
logo
Sangdest Microelectroni...
SB20200 SMC-SB20200 Datasheet
172Kb / 4P
SCHOTTKY RECTIFIER
More results

Similar Description - SB202

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HSR120 HSMC-HSR120 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 1A)
HSR220 HSMC-HSR220 Datasheet
112Kb / 3P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 2A)
HSR520 HSMC-HSR520 Datasheet
53Kb / 2P
Schottky Barrier Rectifiers (Reverse Voltage 20 to 100V, Forward Current 5A)
logo
Leshan Radio Company
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB120-E LRC-SB120-E Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
SB202-E LRC-SB202-E Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current2.0A
SB302-E LRC-SB302-E Datasheet
207Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current3.0A
SB320-E LRC-SB320-E Datasheet
210Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 3.0A
SB520 LRC-SB520 Datasheet
204Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 5.0A
SB820-HE LRC-SB820-HE Datasheet
110Kb / 5P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current8.0A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com