Electronic Components Datasheet Search
  English  ▼

X  

AD7921ARMZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7921ARMZ
Description  2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7921ARMZ Datasheet(HTML) 2 Page - Analog Devices

  AD7921ARMZ Datasheet HTML 1Page - Analog Devices AD7921ARMZ Datasheet HTML 2Page - Analog Devices AD7921ARMZ Datasheet HTML 3Page - Analog Devices AD7921ARMZ Datasheet HTML 4Page - Analog Devices AD7921ARMZ Datasheet HTML 5Page - Analog Devices AD7921ARMZ Datasheet HTML 6Page - Analog Devices AD7921ARMZ Datasheet HTML 7Page - Analog Devices AD7921ARMZ Datasheet HTML 8Page - Analog Devices AD7921ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
AD7911/AD7921
Rev. A | Page 2 of 28
TABLE OF CONTENTS
Specifications..................................................................................... 3
AD7911 Specifications................................................................. 3
AD7921 Specifications................................................................. 5
Timing Specifications .................................................................. 7
Timing Diagrams.......................................................................... 7
Timing Examples.......................................................................... 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Terminology .................................................................................... 11
Typical Performance Characteristics ........................................... 13
Circuit Information ........................................................................ 15
Converter Operation.................................................................. 15
ADC Transfer Function............................................................. 15
Typical Connection Diagram ................................................... 16
Analog Input ............................................................................... 16
Digital Inputs .............................................................................. 17
DIN Input.................................................................................... 17
DOUT Output ............................................................................ 17
Modes of Operation ....................................................................... 18
Normal Mode.............................................................................. 18
Power-Down Mode .................................................................... 18
Power-Up Time .......................................................................... 19
Power vs. Throughput Rate....................................................... 20
Serial Interface ................................................................................ 21
Microprocessor Interfacing....................................................... 22
Application Hints ........................................................................... 24
Grounding and Layout .............................................................. 24
Outline Dimensions ....................................................................... 25
Ordering Guide .......................................................................... 25
REVISION HISTORY
5/11—Rev. 0 to Rev. A
Updated Outline Dimensions ....................................................... 25
Changes to Ordering Guide .......................................................... 25
4/04—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com