Electronic Components Datasheet Search
  English  ▼

X  

SB1045 Datasheet(PDF) 2 Page - Leshan Radio Company

Part # SB1045
Description  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1045 Datasheet(HTML) 2 Page - Leshan Radio Company

  SB1045 Datasheet HTML 1Page - Leshan Radio Company SB1045 Datasheet HTML 2Page - Leshan Radio Company SB1045 Datasheet HTML 3Page - Leshan Radio Company SB1045 Datasheet HTML 4Page - Leshan Radio Company SB1045 Datasheet HTML 5Page - Leshan Radio Company SB1045 Datasheet HTML 6Page - Leshan Radio Company SB1045 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2. Characteristic Curves ( TA = 25°C unless otherwise noted )
SB1020 thru SB10100
Fig. 1 – Forward Current Derating Curve
Fig. 2 – Maximum Non-repetitive Peak
Forward Surge Current
Fig 4. – Typical Reverse Characteristics
Fig 3. – Typical Instantaneous Forward
Characteristics
0
25
50
75
100 125
150 175
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
0
20
40
60
80
100
0.1
1
10
100
1000
100
1.0
10
1.0
0.1
0.01
0.001
10
1.0
0.1
0.01
100
10
5.0
0
200
100
0
TJ = 25°C
Pulse width = 300µs
1% Duty Cycle
Ambient Temperature, °C
Number of Cycles at 60Hz
Instantaneous Forward Voltage (V)
Percent of Rated Peak Reverse Voltage (%)
Tj=100℃
Tj=75℃
Tj=25℃
TJ = TJ max
8.3ms Single Half Sine-wave
(JEDEC Method)
Fig 5. –typical transient thermal
impedance
10
1.0
0.1
100
0.01
0.1
1.0
10
100
t,Pulse duration,sec
Single phase
half wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm)
lead length
Fig 6. – Typical Junction Capacitance
Reverse Voltage (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com