Electronic Components Datasheet Search
  English  ▼

X  

SB1050 Datasheet(PDF) 6 Page - Leshan Radio Company

Part # SB1050
Description  Schottky Barrier Rectifiers Reverse Voltage 35 to 100V Forward Current 10A
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SB1050 Datasheet(HTML) 6 Page - Leshan Radio Company

  SB1050 Datasheet HTML 1Page - Leshan Radio Company SB1050 Datasheet HTML 2Page - Leshan Radio Company SB1050 Datasheet HTML 3Page - Leshan Radio Company SB1050 Datasheet HTML 4Page - Leshan Radio Company SB1050 Datasheet HTML 5Page - Leshan Radio Company SB1050 Datasheet HTML 6Page - Leshan Radio Company SB1050 Datasheet HTML 7Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
标题:
4 编带规格 brede spec
W
P
L1-L2
H
Z
R
T
 
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
<1.0
<1.0
>3.5
52 -1.0/+2.0
20
±0.5
<1.2
6
±1.0
52/tape#
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
尺寸代号
编带尺寸 typing dimension
第 3 页
Green



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com