Electronic Components Datasheet Search
  English  ▼

X  

PE4272 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4272
Description  75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4272 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4272 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4272 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62
Configuration
Connector
SMB Jack
Connector Interface Type
RG59,RG62
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.615 [15.62]
Width/Dia., in [mm]
0.344 [8.74]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG59, RG62 PE4272
URL: http://www.pasternack.com/smb-jack-standard-rg59-rg62-connector-pe4272-p.aspx
PE4272
PE4272 REV 01
75 Ohm SMB Jack Connector Clamp/
Solder Attachment For RG59, RG62


Similar Part No. - PE4272

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4272 PSEMI-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS DC ??3 GHz RF Switch
logo
Peregrine Semiconductor...
PE4272 PEREGRINE-PE4272 Datasheet
223Kb / 11P
SPDT Broadband UltraCMOS
PE4272-EK PEREGRINE-PE4272-EK Datasheet
222Kb / 11P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE42720 PSEMI-PE42720 Datasheet
390Kb / 11P
UltraCMOS SPDT RF Switch
More results

Similar Description - PE4272

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4266 PASTERNACK-PE4266 Datasheet
830Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG59, RG62
PE4203 PASTERNACK-PE4203 Datasheet
263Kb / 2P
75 Ohm SMB Plug Connector Clamp/ Solder Attachment For RG59, RG62
PE4258 PASTERNACK-PE4258 Datasheet
272Kb / 3P
75 Ohm SMC Plug Connector Clamp/Solder Attachment For RG59, RG62
PE4280 PASTERNACK-PE4280 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG59, RG62, .177 inch D Hole
PE4472 PASTERNACK-PE4472 Datasheet
280Kb / 2P
75 Ohm SMB Plug Connector Crimp/ Solder Attachment For RG59, RG62
PE4274 PASTERNACK-PE4274 Datasheet
207Kb / 2P
75 Ohm SMC Jack Connector Clamp/Solder Attachment For RG59, RG62
PE4511 PASTERNACK-PE4511 Datasheet
224Kb / 3P
75 Ohm N Male Connector Clamp/Solder Attachment For RG59, RG62
PE44442 PASTERNACK-PE44442 Datasheet
206Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp - Solder Attachment For RG59, RG62
PE4264 PASTERNACK-PE4264 Datasheet
218Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp - Solder Attachment For RG59, RG62
PE4460 PASTERNACK-PE4460 Datasheet
354Kb / 3P
75 Ohm TNC Female Connector Clamp - Solder Attachment for RG59, RG62
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com