Electronic Components Datasheet Search
  English  ▼

X  

PE4273 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4273
Description  75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4273 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4273 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4273 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195
Configuration
Connector
SMB Jack
Connector Interface Type
RG180,RG195
Cable Attachment Method (Shield/Contact)
Clamp/Solder
Body Style
Straight
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Size
Length, in [mm]
0.615 [15.62]
Width/Dia., in [mm]
0.344 [8.74]
.
Weight, lbs [g]
0.013 [5.9]
Connector
Type
SMB Jack
Contact Material and Plating
Gold
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195 from Pasternack Enterprises has same day
shipment for domestic and International orders. Our RF, microwave and fiber optic products maintain a 99% availability and
are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm SMB Jack Connector Clamp/Solder Attachment For RG180, RG195 PE4273
URL: http://www.pasternack.com/smb-jack-standard-rg180-rg195-connector-pe4273-p.aspx
PE4273
PE4273 REV 01
75 Ohm SMB Jack Connector Clamp/Solder
Attachment For RG180, RG195


Similar Part No. - PE4273

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4273 PEREGRINE-PE4273 Datasheet
200Kb / 12P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273 Datasheet
232Kb / 11P
SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
logo
Peregrine Semiconductor
PE4273 PSEMI-PE4273 Datasheet
298Kb / 12P
SPDT Broadband UltraCMOS 5 ??3000 MHz RF Switch
logo
Peregrine Semiconductor...
PE4273-EK PEREGRINE-PE4273-EK Datasheet
200Kb / 12P
SPDT Broadband UltraCMOS??DC - 3 GHz RF Switch
PE4273 PEREGRINE-PE4273_06 Datasheet
232Kb / 11P
SPDT Broadband UltraCMOS DC - 3 GHz RF Switch
More results

Similar Description - PE4273

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4161 PASTERNACK-PE4161 Datasheet
219Kb / 3P
75 Ohm SMB Plug Right Angle Connector Crimp /Solder Attachment For RG180, RG195
PE4163 PASTERNACK-PE4163 Datasheet
257Kb / 2P
75 Ohm SMB Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4265 PASTERNACK-PE4265 Datasheet
833Kb / 2P
75 Ohm SMB Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4164 PASTERNACK-PE4164 Datasheet
257Kb / 2P
75 Ohm SMC Jack Connector Crimp/Solder Attachment For RG180, RG195
PE4281 PASTERNACK-PE4281 Datasheet
263Kb / 2P
75 Ohm SMB Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, 285 inch D HOLE
PE44444 PASTERNACK-PE44444 Datasheet
836Kb / 2P
75 Ohm SMB Positive Snap Plug Connector Crimp/ Solder Attachment For RG180, RG195
PE4267 PASTERNACK-PE4267 Datasheet
208Kb / 2P
75 Ohm SMC Plug Right Angle Connector Clamp/ Solder Attachment For RG180, RG195
PE4283 PASTERNACK-PE4283 Datasheet
212Kb / 2P
75 Ohm SMC Jack Bulkhead Connector Clamp/Solder Attachment For RG180, RG195, .285 inch D Hole
PE4157 PASTERNACK-PE4157 Datasheet
217Kb / 3P
75 Ohm SMB Plug Connector Crimp/Solder Attachment For RG180, RG195
PE4275 PASTERNACK-PE4275 Datasheet
209Kb / 2P
75 Ohm SMC Jack Connector Clamp-Solder Attachment For RG180, RG195
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com