Electronic Components Datasheet Search
  English  ▼

X  

MPF102 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPF102
Description  JFET VHF Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF102 Datasheet(HTML) 5 Page - Motorola, Inc

  MPF102 Datasheet HTML 1Page - Motorola, Inc MPF102 Datasheet HTML 2Page - Motorola, Inc MPF102 Datasheet HTML 3Page - Motorola, Inc MPF102 Datasheet HTML 4Page - Motorola, Inc MPF102 Datasheet HTML 5Page - Motorola, Inc MPF102 Datasheet HTML 6Page - Motorola, Inc MPF102 Datasheet HTML 7Page - Motorola, Inc MPF102 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MPF102
5
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 10. S11s
Figure 11. S12s
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
0
°
350
°
340
°
330
°
10
°
20
°
30
°
180
°
190
°
200
°
210
°
170
°
160
°
150
°
320
°
310
°
300
°
290
°
280
°
270
°
260
°
250
°
240
°
230
°
220
°
40
°
50
°
60
°
70
°
80
°
90
°
100
°
110
°
120
°
130
°
140
°
1.0
0.9
0.8
0.7
0.6
0.4
0.3
0.2
0.1
0.0
1.0
0.9
0.8
0.7
0.6
0.6
0.5
0.4
0.3
0.3
0.4
0.5
0.6
900
900
800
700
600
500
400
300
200
100
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100
200
300
400
600
700
800
900
500
ID = IDSS, 0.25 IDSS
900
500
800
700
600
500
400
300
200
100
ID = 0.25 IDSS
ID = IDSS
100
200
300
400
900
600
700
800
900
800
600
400
300
200
200
100
ID = 0.25 IDSS
ID = IDSS
900
100
500
700
300
400
500
600
700
800
Figure 12. S21s
Figure 13. S22s
COMMON SOURCE CHARACTERISTICS
S–PARAMETERS
(VDS = 15 Vdc, Tchannel = 25°C, Data Points in MHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com