| Electronic Components Datasheet Search |
|
VC222016Y400 Datasheet(PDF) 2 Page - AVX Corporation |
|
|
|||||||||||||||||||||||||||||
VC222016Y400 Datasheet(HTML) 2 Page - AVX Corporation |
|
2 / 10 page ![]() 2 Important: For part number identification only, not for construction of part numbers. The information below only defines the numerical value of part number digits, and cannot be used to construct a desired set of electrical limits. Please refer to the TransGuard® part number data for the correct electri- cal ratings. Important: For part number identification only, not for construction of part numbers. The information below only defines the numerical value of part number digits, and cannot be used to construct a desired set of electrical limits. Please refer to the TransGuard® part number data for the correct electri- cal ratings. V C 1206 05 D 150 R P TERMINATION FINISH: P = Ni/Sn Alloy (Plated) PACKAGING (Pcs/Reel): STYLE “D” “R” “T” “W” VC0402 N/A N/A N/A 10,000 VC0603 1,000 4,000 10,000 N/A VC0805 1,000 4,000 10,000 N/A VC1206 1,000 4,000 10,000 N/A VC1210 1,000 2,000 10,000 N/A CLAMPING VOLTAGE: Where: 100 = 12V 500 = 50V 150 = 18V 560 = 60V 200 = 22V 580 = 60V 250 = 27V 620 = 67V 300 = 32V 650 = 67V 390 = 42V 101 = 100V 400 = 42V 121 = 120V ENERGY: Where: A = 0.1J J = 1.5J S = 1.9-2.0J B = 0.2J K = 0.6J T = 0.01J C = 0.3J L = 0.8J U = 4.0-5.0J D = 0.4J M = 1.0J V = 0.02J E = 0.5J N = 1.1J W = 6.0J F = 0.7J P = 3.0J X = 0.05J G = 0.9J Q = 1.3J Y = 12.0J H = 1.2J R = 1.7J Z = 25.0J WORKING VOLTAGE: Where: 03 = 3.3 VDC 18 = 18.0 VDC 05 = 5.6 VDC 26 = 26.0 VDC 09 = 9.0 VDC 30 = 30.0 VDC 12 = 12.0 VDC 48 = 48.0 VDC 14 = 14.0 VDC 60 = 60.0 VDC 85 = 85.0 VDC CASE SIZE DESIGNATOR: SIZE LENGTH WIDTH 0402 1.00±0.10mm (0.040"±0.004") 0.5±0.10mm (0.020"±0.004") 0603 1.60±0.15mm (0.063"±0.006") 0.8±0.15mm (0.032"±0.006") 0805 2.01±0.2mm (0.079"±0.008") 1.25±0.2mm (0.049"±0.008") 1206 3.20±0.2mm (0.126"±0.008") 1.60±0.2mm (0.063"±0.008") 1210 3.20±0.2mm (0.126"±0.008") 2.49±0.2mm (0.098"±0.008") CASE STYLE: C = Chip PRODUCT DESIGNATOR: V = Varistor MARKING: All standard surface mount TransGuard® chips will not be marked. V A 1000 05 D 150 R L LEAD FINISH: Copper clad steel, solder coated PACKAGING (Pcs/Reel): STYLE “D” “R” “T” VA1000 1,000 3,000 7,500 VA2000 1,000 2,500 5,000 CLAMPING VOLTAGE: Where: 100 = 12V 580 = 60V 150 = 18V 650 = 67V 300 = 32V 101 = 100V 400 = 42V 121 = 120V ENERGY: Where: A = 0.1J D = 0.4J K = 2.0J WORKING VOLTAGE: Where: 03 = 3.3 VDC 26 = 26.0 VDC 05 = 5.6 VDC 30 = 30.0 VDC 14 = 14.0 VDC 48 = 48.0 VDC 18 = 18.0 VDC 60 = 60.0 VDC CASE SIZE DESIGNATOR: SIZE LENGTH DIAMETER 1000 4.32mm (0.170") 2.54mm (0.100") 2000 4.83mm (0.190") 3.56mm (0.140") CASE STYLE: A = Axial PRODUCT DESIGNATOR: V = Varistor MARKING: All axial TransGuards® are marked with vendor identification, product identification, voltage/energy rating code and date code (see example below): Where: AVX = Always AVX (Vendor Identification) TVS = Always TVS (Product Identification - Transient Voltage Suppressor) 05D = Working VDC and Energy Rating (Joules) Where: 05 = 5.6 VDC, D = 0.4J 725 = Three Digit Date Code Where: 8 = Last digit of year (2008) 25 = Week of year AVX TVS 05D 825 TransGuard ® AVX Multilayer Ceramic Transient Voltage Suppressors PART NUMBER IDENTIFICATION Surface Mount Devices Axial Leaded Devices Not RoHS Compliant LEAD-FREE COMPATIBLE COMPONENT For RoHS compliant products, please select correct termination style. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |