Electronic Components Datasheet Search
  English  ▼

X  

AD9862BSTZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9862BSTZ
Description  Mixed-Signal Front-End (MxFE?? Processor for Broadband Communications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9862BSTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9862BSTZ Datasheet HTML 15Page - Analog Devices AD9862BSTZ Datasheet HTML 16Page - Analog Devices AD9862BSTZ Datasheet HTML 17Page - Analog Devices AD9862BSTZ Datasheet HTML 18Page - Analog Devices AD9862BSTZ Datasheet HTML 19Page - Analog Devices AD9862BSTZ Datasheet HTML 20Page - Analog Devices AD9862BSTZ Datasheet HTML 21Page - Analog Devices AD9862BSTZ Datasheet HTML 22Page - Analog Devices AD9862BSTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
REV. 0
AD9860/AD9862
–19–
Interpolation Stage (Block C), Fine Modulation Stage (Block D),
Hilbert filter (Block E), and the Latch/Demultiplexing circuitry.
DAC
The DAC stage of the AD9860/AD9862 integrates a high perfor-
mance TxDAC core, a programmable gain control through a
Programmable Gain Amplifier (TxPGA), coarse gain control, and
offset adjustment and fine gain control to compensate for system
mismatches.
The TxDAC core of the AD9860/AD9862 provides dual, differen-
tial, complementary current outputs generated from the 12-/14-bit
data. The 12-/14-bit Dual DACs support update rates up to
128 MSPS. The differential outputs (i.e., IOUT+ and IOUT–)
of each dual DAC are complementary, meaning they always sum
to the full-scale current output of the DAC, IOUTFS. Optimum
ac performance is achieved with the differential current interface
drives balanced loads or a transformer.
The maximum full-scale output current, IOUTFSMAX, is set by the
external resistor (RSET), which sets the DAC reference current.
The RSET resistor is connected between the FSADJ Pin to ground.
The relationship between IOUTFSMAX and RSET is:
I
OUTFSMAX
SET
V
R
~
.
67
123
¥ Ê
ËÁ
ˆ
¯˜
Typically, RSET is 4 k
W, which sets IOUTFSMAX to 20 mA, the
optimal dynamic setting for the TxDACs. Increasing RSET by a
factor of 2 will proportionally decrease IOUTFSMAX by a factor of
2. IOUTFSMAX of each DAC can be re-scaled either simulta-
neously with the TxPGA Gain register or independently with
DAC A/B Coarse Gain registers.
The TxPGA function provides 20 dB of simultaneous gain
range for both DACs and is controlled by writing to SPI register
TxPGA Gain for a programmable full-scale output of 10% to
100% IOUTFSMAX. The gain curve is linear in dB, with steps of
about 0.1 dB. Internally, the gain is controlled by changing the
main DAC bias currents with an internal TxPGA DAC whose
output is heavily filtered via an on-chip R-C filter to provide
continuous gain transitions. Note, the settling time and band-
width of the TxPGA DAC can be improved by a factor of 2 by
writing to the TxPGA Fast register.
Each DAC has independent coarse gain control. Coarse gain
control can be used to accommodate different IOUTFS from the
dual DACs. The coarse full-scale output control can be adjusted
using the DAC A/B Coarse Gain registers to 1/2 or 1/11th of
the nominal full scale current.
Fine Gain controls and dc offset controls can be used to compen-
sate for mismatches (for system level calibration), allowing improved
matching characteristics of the two Tx channels and aiding in suppres-
sing LO feedthrough. This is especially useful in image rejection
architectures. The 10-bit dc offset control of each DAC can be used
independently to provide a
±12% IOUTFSMAX of offset to either
differential pin, thus allowing calibration of any system offsets. The
fine gain control with 5-bit resolution allows the IOUTFSMAX of each
DAC to be varied over a
±4% range, thus allowing compensation
of any DAC or system gain mismatches. Fine gain control is set
through the DAC A/B Fine Gain registers and the offset control
of each DAC is accomplished using DAC A/B Offset registers.
A power-down option allows the user to power down the analog
supply current to both DACs or either DAC, individually. A digital
power-down is also possible through either the Tx PwrDwn
register or the Mode/TxBlank pin.
Coarse Modulator
A digital coarse modulator is available in the transmit path to
shift the spectrum of the input data by
±fDAC/4 or ±fDAC/8. If the
input data consists of complex data, the modulator can be con-
figured to perform a complex modulation of the input spectrum.
If the data in the transmit path is not complex, a real mix can be
performed separately on each channel thereby frequency shifting
the real data and images by fDAC/4 or fDAC/8. Real or complex
mixing is configured by setting the Real Mix register.
By default, the coarse modulator is bypassed. It can be configured
using Coarse Modulation and Neg Coarse Tune registers.
Interpolation Stage
Interpolation filters are available for use in the AD9860/AD9862
transmit path, providing 1
(bypassed), 2 , or 4
interpolation.
The interpolation filters effectively increase the Tx data rate while
suppressing the original images. The interpolation filters digitally
shift the worst case image further away from the desired signal,
thus reducing the requirements on the analog output reconstruc-
tion filter.
There are two 2
interpolation filters available in the Tx path.
An interpolation rate of 4
is achieved using both interpolation
filters; an interpolation rate of 2
is achieved by enabling only
the first 2
interpolation filter.
The first interpolation filter provides 2
interpolation using a
39 tap filter. It suppresses out-of-band signals by 60 dB or more
and has a flat passband response (less than 0.1 dB ripple) extend-
ing to 38% of the AD9860/AD9862 input Tx data rate (19% of
the DAC update rate, fDAC). The maximum input data rate is
64 MSPS per channel when using 2
interpolation.
TxDAC
BYPASSABLE
DIGITAL
QUADRATURE
MIXER
PGA
IOUT+A
IOUT–A
TxDAC
PGA
IOUT+B
IOUT–B
HILBERT
FILTER
BLOCK A
BLOCK B
BLOCK C
BLOCK D
BLOCK E
HILBERT
FILTER
DDS
BYPASSABLE
LOW-PASS
INTERPOLATION
FILTER
BYPASSABLE
DIGITAL
QUADRATURE
MIXER
fS/4,
fS/8
DAC
I
Q
TxDATA
[0:13]
Figure 3. Transmit Section Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com