Electronic Components Datasheet Search
  English  ▼

X  

AM2319P Datasheet(PDF) 1 Page - Analog Power

Part # AM2319P
Description  P - Channel Logic Level MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2319P Datasheet(HTML) 1 Page - Analog Power

  AM2319P Datasheet HTML 1Page - Analog Power AM2319P Datasheet HTML 2Page - Analog Power AM2319P Datasheet HTML 3Page - Analog Power AM2319P Datasheet HTML 4Page - Analog Power AM2319P Datasheet HTML 5Page - Analog Power AM2319P Datasheet HTML 6Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
AM2319P
Analog Power
July, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM2319_H
These miniature surface mount MOSFETs
utilize High Cell Density process. Low
rDS(on) assures minimal power loss and
conserves energy, making this device ideal
for use in power management circuitry.
Typical applications are voltage control
small signal switch, power management in
portable and battery-powered products
such as computer portable electronics and
other battery power application.
P - Channel Logic Level MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
•
Fast Switch
•
Low Gate Charge
•
Miniature SOT-23 Surface Mount Package
Saves Board Space
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Maximum Units
t <= 5 sec
250
Steady-State
285
THERMAL RESISTANCE RATINGS
Parameter
oC/W
Maximum Junction-to-Ambient
a
RTHJA
D
S
G
Symbol Maximum Units
VDS
-30
VGS
±20
TA=25
oC-2.1
TA=70
oC-1.7
IDM
±10
IS
-0.4
A
TA=25
oC1.25
TA=70
oC0.8
TJ, Tstg -55 to 150
oC
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
VDS (V)
rDS(on) (Ω)ID (A)
0.20 @ VGS = -10 V
-2.1
0.30 @ VGS = -4.5V
-1.7
-30
PRODUCT SUMMARY


Similar Part No. - AM2319P

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AM2319P-T1-PF VBSEMI-AM2319P-T1-PF Datasheet
1Mb / 9P
P-Channel 30 V (D-S) MOSFET
More results

Similar Description - AM2319P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5202P FAIRCHILD-FDD5202P Datasheet
59Kb / 5P
P-Channel, Logic Level, MOSFET
FDG316P FAIRCHILD-FDG316P Datasheet
70Kb / 5P
P-Channel Logic Level PowerTrench MOSFET
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
P-Channel Logic Level PowerTrenchTM MOSFET
FDS6609A FAIRCHILD-FDS6609A Datasheet
646Kb / 8P
P-Channel Logic Level PowerTrench MOSFET
FDS6685 FAIRCHILD-FDS6685 Datasheet
204Kb / 8P
P-Channel Logic Level PowerTrenchTM MOSFET
SI9435DY FAIRCHILD-SI9435DY Datasheet
101Kb / 5P
P-Channel Logic Level PowerTrench MOSFET
logo
Analog Power
AM2317P ANALOGPOWER-AM2317P Datasheet
243Kb / 6P
P - Channel Logic Level MOSFET
AM2313P ANALOGPOWER-AM2313P Datasheet
245Kb / 5P
P - Channel Logic Level MOSFET
logo
ON Semiconductor
FDD9510L-F085 ONSEMI-FDD9510L-F085 Datasheet
337Kb / 7P
MOSFET - P-Channel Logic Level PowerTrench
February, 2020 ??Rev. 1
FDWS9510L-F085 ONSEMI-FDWS9510L-F085 Datasheet
343Kb / 7P
MOSFET ??P-Channel Logic Level POWERTRENCH
October, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com