Electronic Components Datasheet Search
  English  ▼

X  

7002 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 7002
Description  Common Mode EMI Chokes
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

7002 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  7002 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd., Gardena, CA 90247-1059 • (310) 515-1720 • FAX (310) 515-1962
www .jwmiller .com
Dual-Line Toroid Inductors
85
Special Features
• Dual winding
• Low radiation
• High current capacity
• High inductance
• Dielectric strength 1000Vrms
• Mounted on VW-1 rated
header
• Fixed pins for easy PCB
insertion
• Operating temperature -55 to
+105°C
7000 Series
L (uH)
L (uH)
DCR
Dim.
Dim.
Dim.
Dim.
Dim.
Part
±15%
Idc
±15%
(
Ω)A
B
C
D
E
Number @ 1KHz
(A) @ I rated
Max.
Max.
Max. ±0.015 ±0.015 Max.
7001
2.5
11.0
1.25
0.004
0.875
0.425
0.600
0.250
1.00
7002
6.0
5.50
3.0
0.007
0.875
0.425
0.600
0.250
1.00
7003
31.25
2.75
17.5
0.060
0.875
0.425
0.600
0.250
1.00
7004
68.75
2.00
37.5
0.120
0.875
0.425
0.600
0.250
1.00
7005
112.5
1.50
62.5
0.245
0.875
0.425
0.600
0.250
1.00
7006
6.25
9.00
3.75
0.006
1.125
0.600
0.800
0.400
1.25
7007
18.75
5.00
10
0.020
1.125
0.600
0.800
0.400
1.25
7008
100
2.25
56.25
0.165
1.125
0.600
0.800
0.400
1.25
7009
200
1.75
118.75
0.320
1.125
0.600
0.800
0.400
1.25
7010
250
1.50
143.75
0.470
1.125
0.600
0.800
0.400
1.25
7011
12.5
9.50
6.25
0.006
1.25
0.800
0.900
0.600
1.375
7012
37.5
4.75
21.25
0.023
1.25
0.800
0.900
0.600
1.375
7013
175
2.25
100
0.210
1.25
0.800
0.900
0.600
1.375
7014
312.5
1.75
187.5
0.430
1.25
0.800
0.900
0.600
1.375
7015
400
1.50
237.5
0.640
1.25
0.800
0.900
0.600
1.375
7016
31.25
7.75
16.25
0.016
1.812
0.900
1.20
0.700
1.95
7017
125
4.00
68.75
0.075
1.812
0.900
1.20
0.700
1.95
7018
275
2.50
162.5
0.165
1.812
0.900
1.20
0.700
1.95
7019
562.5
1.75
281.25
0.460
1.812
0.900
1.20
0.700
1.95
7020
1125
1.25
562.5
1.320
1.812
0.900
1.20
0.700
1.95
7021
62.5
8.00
31.75
0.021
2.125
1.10
1.50
0.900
2.25
7022
225
3.75
125
0.088
2.125
1.10
1.50
0.900
2.25
7023
450
2.50
250
0.240
2.125
1.10
1.50
0.900
2.25
7024
1000
1.75
525
0.580
2.125
1.10
1.50
0.900
2.25
7025
2000
1.00
1125
1.670
2.125
1.10
1.50
0.900
2.25
0.040
C
D
0.15
0.09
E
0.032 min
A
B
4
3
1
2
7001-7005
4
3
1
2
D
0.20
C
0.050
E
0.032 min
A
B
4
3
1
2
4
3
1
2
7006-7025


Similar Part No. - 7002

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
7002 STMICROELECTRONICS-7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
logo
Dow-Key Microwave Corpo...
7002 DOW-KEY-7002 Datasheet
534Kb / 2P
C-band Crossbar/Fan-Out
logo
Heyco.
7002 HEYCO-7002 Datasheet
132Kb / 1P
Male Pins
logo
Bourns Electronic Solut...
7002-RC BOURNS-7002-RC Datasheet
121Kb / 1P
Dual-Line Toroid Inductors
logo
Presto International UK...
70020 PRESTO-70020 Datasheet
3Mb / 24P
ENGINEERS CUTTING TOOLS
More results

Similar Description - 7002

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM18 BITECH-HM18 Datasheet
103Kb / 3P
Common-Mode Chokes
logo
Ferroxcube Internationa...
CMS2-5.6-4S2 FERROXCUBE-CMS2-5.6-4S2 Datasheet
91Kb / 9P
SMD common mode chokes EMI-suppression products
logo
Allied Components Inter...
ACM0434CI ALLIED-ACM0434CI Datasheet
329Kb / 1P
COMMON MODE CHOKES Excellent EMI performance
ACM0801CS ALLIED-ACM0801CS Datasheet
270Kb / 1P
COMMON MODE CHOKES Excellent EMI performance
logo
Bourns Electronic Solut...
7122 BOURNS-7122 Datasheet
89Kb / 1P
Common Mode EMI Chokes
logo
XFMRS Inc.
XF0013-CMC160 XFMRS-XF0013-CMC160_15 Datasheet
114Kb / 2P
COMMON MODE CHOKES
XF0036-3SM XFMRS-XF0036-3SM_15 Datasheet
40Kb / 1P
COMMON MODE CHOKES
XF0043D-CMC160 XFMRS-XF0043D-CMC160_15 Datasheet
95Kb / 2P
COMMON MODE CHOKES
XF0044-VPCMC2 XFMRS-XF0044-VPCMC2_15 Datasheet
37Kb / 1P
COMMON MODE CHOKES
logo
Bourns Electronic Solut...
7100 BOURNS-7100 Datasheet
75Kb / 1P
Common Mode EMI Chokes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com