Electronic Components Datasheet Search
  English  ▼

X  

FCX491TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FCX491TA
Description  SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX491TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FCX491TA Datasheet HTML 1Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - OCTOBER 1995
7
FEATURES
*
60 Volt V
CEO
*
1 Amp continuous current
*P
tot= 1 Watt
COMPLEMENTARY TYPE –
FCX591
PARTMARKING DETAIL –
N1
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
1A
Peak Pulse Current
ICM
2A
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
80
V
IC=100µA
VCEO(sus)
60
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Currents
ICBO
100
nA
VCB=60V,
ICES
100
nA
VCE=60V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.25
0.50
V
V
IC=500mA, IB=50mA*
IC=1A, IB=100mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=1A, IB=100mA*
Base-Emitter
Turn On Voltage
VBE(on)
1.0
V
IC=1A, VCE=5V*
Static Forward Current
Transfer Ratio
hFE
100
100
80
30
300
IC=1mA, VCE=5V
IC=500mA, VCE=5V*
IC=1A, VCE=5V*
IC=2A, VCE=5V*
Transition Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
10
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT491 datasheet
FCX491
C
C
B
E
3 - 86


Similar Part No. - FCX491TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Guangdong Kexin Industr...
FCX491 KEXIN-FCX491 Datasheet
35Kb / 2P
Medium Power Transistor
logo
Diodes Incorporated
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FCX491 DIODES-FCX491 Datasheet
40Kb / 1P
SOT89 PNP SILICON PLANAR MEDIUM
NOVEMBER 1995
logo
Inchange Semiconductor ...
FCX491 ISC-FCX491 Datasheet
262Kb / 3P
Silicon NPN Power Transistor
More results

Similar Description - FCX491TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BC868 ZETEX-BC868 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX68 ZETEX-BCX68_07 Datasheet
1Mb / 3P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FCX491 DIODES-FCX491 Datasheet
27Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FCX493 DIODES-FCX493 Datasheet
312Kb / 5P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 2005
FCX658A DIODES-FCX658A Datasheet
81Kb / 4P
SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
NOVEMBER 2000
BCX6825 DIODES-BCX6825 Datasheet
327Kb / 5P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 4
BSR43 DIODES-BSR43 Datasheet
47Kb / 1P
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
MARCH 2001
BCX6825 DIODES-BCX6825_15 Datasheet
263Kb / 6P
20V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491A DIODES-FCX491A_15 Datasheet
256Kb / 7P
40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX658A DIODES-FCX658A_15 Datasheet
81Kb / 4P
SOT89 NPN SILICON PLANAR MEDIUM POWER HIGH VOLTAGE TRANSISTOR
NOVEMBER 2000
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com