Electronic Components Datasheet Search
  English  ▼

X  

ZHCS400TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHCS400TA
Description  40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS400TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHCS400TA Datasheet HTML 1Page - Diodes Incorporated ZHCS400TA Datasheet HTML 2Page - Diodes Incorporated ZHCS400TA Datasheet HTML 3Page - Diodes Incorporated ZHCS400TA Datasheet HTML 4Page - Diodes Incorporated ZHCS400TA Datasheet HTML 5Page - Diodes Incorporated ZHCS400TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZHCS400
Document number: DS33215 Rev. 8 - 2
2 of 6
www.diodes.com
March 2012
© Diodes Incorporated
ZHCS400
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Units
Continuous Reverse Voltage
VR
40
V
Continuous Forward Current
IF
400
mA
Forward Voltage @IF = 400mA
VF
500
mV
Average Peak Forward Current; D.C. = 50%
IFAV
1000
mA
Continuous Drain Current (Note x)
t
≤ 100μs
IFSM
6.75
A
t
≤ 10ms
3
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation, TA = 25°C
PD
250
mW
Storage Temperature Range
TSTG
-55 to +150
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com